Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3813 Datasheet(PDF) 48 Page - Microchip Technology

Part # USB3813
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3813 Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB3813 Datasheet HTML 44Page - Microchip Technology USB3813 Datasheet HTML 45Page - Microchip Technology USB3813 Datasheet HTML 46Page - Microchip Technology USB3813 Datasheet HTML 47Page - Microchip Technology USB3813 Datasheet HTML 48Page - Microchip Technology USB3813 Datasheet HTML 49Page - Microchip Technology USB3813 Datasheet HTML 50Page - Microchip Technology USB3813 Datasheet HTML 51Page - Microchip Technology USB3813 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
DS00001715A-page 48
 2014 Microchip Technology Inc.
9.4
DC Specifications
Table 9.4 DC Electrical Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
IS Type Input Buffer
Low Input Level
High Input Level
VIL
VIH
-0.3
2.0
0.8
3.6
V
V
I_RST Type Input Buffer
Low Input Level
High Input Level
VIL
VIH
-0.3
1.25
0.4
3.6
V
V
I_SMB Type Input Buffer
Low Input Level
High Input Level
VIL
VIH
-0.3
1.25
0.35
3.6
V
V
O8 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD33 - 0.4
0.4
V
V
IOL = 8 mA
IOH = -8 mA
OD8 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 8 mA
O12 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD33 - 0.4
0.4
V
V
IOL = 12 mA
IOH = -12 mA
HSIC Type Buffers
Low Input Level
High Input Level
Low Output Level
High Output Level
VIL
VIH
VOL
VOH
-0.3
0.65*VDDCR12
0.75*VDDCR12
0.35*VDDCR12
VDDCR12+0.3
0.25*VDDCR12
V
V
V
V
ICLK Type Buffer
(REFCLK Input)
Low Input Level
High Input Level
VIL
VIH
-0.3
0.8
0.35
3.6
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com