Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3813 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB3813
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3813 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB3813 Datasheet HTML 13Page - Microchip Technology USB3813 Datasheet HTML 14Page - Microchip Technology USB3813 Datasheet HTML 15Page - Microchip Technology USB3813 Datasheet HTML 16Page - Microchip Technology USB3813 Datasheet HTML 17Page - Microchip Technology USB3813 Datasheet HTML 18Page - Microchip Technology USB3813 Datasheet HTML 19Page - Microchip Technology USB3813 Datasheet HTML 20Page - Microchip Technology USB3813 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
 2014 Microchip Technology Inc.
DS00001715A-page 17
Chapter 4 Power Connections
4.1
Integrated Power Regulators
The integrated 3.3V and 1.2V power regulators provide flexibility to the system in providing power the
device. Several different configurations are allowed in order to align the power structure to supplies
available in the system.
The regulators are controlled by RESET_N. When RESET_N is brought high, the 3.3V regulator will
turn on. When RESET_N is brought low the 3.3V regulator will turn off.
4.1.1
3.3V Regulator
The device has an integrated regulator to convert from VBAT to 3.3V.
4.1.2
1.2V Regulator
The device has an integrated regulator to convert from a variable voltage input on VDDCOREREG to
1.2V. The 1.2V regulator is tolerant to the presence of low voltage (~0V) on the VDDCOREREG pin
in order to support system power solutions where a supply is not always present in low power states.
The 1.2V regulator supports an input voltage range consistent with a 1.8V input in order to reduce
power consumption in systems which provide multiple power supply levels. In addition, the 1.2V
regulator supports an input voltage up to 3.3V for systems which provide only a single power supply.
The device will support operation where the 3.3V regulator output can drive the 1.2V regulator input
such that VBAT is the only required supply.
4.2
Power Configurations
The device supports operation with no back current when power is connected in each of the following
configurations. Power connection diagrams for these configurations are included in Section 4.3, "Power
Connection Diagrams," on page 18.
4.2.1
Single Supply Configurations
4.2.1.1
VBAT Only
VBAT must be tied to the VBAT system supply. VDD33 and VDDCOREREG must be tied together on
the board. In this configuration the 3.3V and 1.2V regulators will be active.
4.2.1.2
3.3V Only
VBAT must be tied to the 3.3V system supply. VDD33 and VDDCOREREG must be tied together on
the board. In this configuration the 3.3V regulator will operate in dropout mode and the 1.2V regulator
will be active.
4.2.2
Dual Supply Configurations
4.2.2.1
VBAT + 1.8V
VBAT must be tied to the VBAT system supply. VDDCOREREG must be tied to the 1.8V system
supply. In this configuration, the 3.3V regulator and the 1.2V regulator will be active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com