Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3813 Datasheet(PDF) 55 Page - Microchip Technology

Part # USB3813
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3813 Datasheet(HTML) 55 Page - Microchip Technology

Back Button USB3813 Datasheet HTML 49Page - Microchip Technology USB3813 Datasheet HTML 50Page - Microchip Technology USB3813 Datasheet HTML 51Page - Microchip Technology USB3813 Datasheet HTML 52Page - Microchip Technology USB3813 Datasheet HTML 53Page - Microchip Technology USB3813 Datasheet HTML 54Page - Microchip Technology USB3813 Datasheet HTML 55Page - Microchip Technology USB3813 Datasheet HTML 56Page - Microchip Technology USB3813 Datasheet HTML 57Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
 2014 Microchip Technology Inc.
DS00001715A-page 55
Chapter 11 Datasheet Revision History
Table 11.1 Revision History
REVISION LEVEL
& DATE
SECTION/FIGURE/ENTRY
CORRECTION
USB3813 Revision A replaces the previous SMSC version revision 1.1
Rev. 1.1
(12-06-13)
SMBus Runtime Registers
Register definitions removed. These definitions are
provided in application note AN 26.18 “SMBus
Slave Interface for the
USB253x/USB3x13/USB46x4”.
Rev. 1.1
(09-24-13)
Table 9.4, “DC Electrical
Characteristics,” on page 48
Updated ICLK VIH max from “VDDCR12” to “3.6”
Section 9.6.1, "External Reference
Clock (REFCLK)," on page 52
Removed 50% duty cycle requirement.
Rev. 1.0
(06-17-13)
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com