Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3813 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB3813
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3813 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB3813 Datasheet HTML 34Page - Microchip Technology USB3813 Datasheet HTML 35Page - Microchip Technology USB3813 Datasheet HTML 36Page - Microchip Technology USB3813 Datasheet HTML 37Page - Microchip Technology USB3813 Datasheet HTML 38Page - Microchip Technology USB3813 Datasheet HTML 39Page - Microchip Technology USB3813 Datasheet HTML 40Page - Microchip Technology USB3813 Datasheet HTML 41Page - Microchip Technology USB3813 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
DS00001715A-page 38
 2014 Microchip Technology Inc.
8.1.2
Downstream Battery Charging
The device can be configured by an OEM to have the downstream ports to support battery charging.
The Hub's role in battery charging is to provide an acknowledge to a device's query as to if the hub
system supports USB battery charging. The hub silicon does not provide any current or power FETs
or any additional circuitry to actually charge the device. Those components must be provided as
externally by the OEM.
If the OEM provides an external supply capable of supplying current per the battery charging
specification, the hub can be configured to indicate the presence of such a supply to the device.This
indication, per the PRTCTLA output, is for all downstream ports.
Note: Battery charging is not available on downstream HSIC ports.
8.1.2.1
Downstream Battery Charging Modes
In the terminology of the USB Battery Charging Specification, if a port is configured to support battery
charging, the downstream port is a considered a CDP (Charging Downstream Port) if connected to a
USB host, or a DCP (Dedicated Charging Port) if not connected to a USB host. If the port is not
configured to support battery charging, the port is considered an SDP (Standard Downstream Port).
All charging ports have electrical characteristics different from standard non-charging ports.
‘11’
Charger detected.
Draw battery charger current from VBUS (1.0A+).
Note:
The actual current amount for the charger will be
system dependant.
Figure 8.1 Battery Charging External Power Supply
Table 8.2 CHRGDET[1:0] Configuration Definitions (continued)
CHRGDET[1:0]
DEFINITION
SOC
VBUS[n]
PRTPWRA
INT
SCL
SDA
Microchip
Hub
DC Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com