Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3813 Datasheet(PDF) 40 Page - Microchip Technology

Part # USB3813
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3813 Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB3813 Datasheet HTML 36Page - Microchip Technology USB3813 Datasheet HTML 37Page - Microchip Technology USB3813 Datasheet HTML 38Page - Microchip Technology USB3813 Datasheet HTML 39Page - Microchip Technology USB3813 Datasheet HTML 40Page - Microchip Technology USB3813 Datasheet HTML 41Page - Microchip Technology USB3813 Datasheet HTML 42Page - Microchip Technology USB3813 Datasheet HTML 43Page - Microchip Technology USB3813 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
DS00001715A-page 40
 2014 Microchip Technology Inc.
8.2
Flex Connect
This feature allows the upstream port to be swapped with downstream physical port 1. Only
downstream port 1 can be swapped physically. Using port remapping, any logical port (number
assignment) can be swapped with the upstream port (non-physical).
Flex Connect is enabled/disabled via two control bits in the Connect Configuration Register. The
FLEXCONNECT configuration bit switches the port, and EN_FLEX_MODE enables the mode.
8.2.1
Port Control
Once EN_FLEX_MODE bit is set, the functions of certain pins change, as outlined below.
If EN_FLEX_MODE is set and FLEXCONNECT is not set:
1. SUSPEND outputs ‘0’ to keep any upstream power controller off
If EN_FLEX_MODE is set and FLEXCONNECT is set:
1. The normal upstream VBUS pin becomes a don’t care
2. SUSPEND becomes PRTPWR1/OCS1_N for the port power controller for the connector port
8.3
Resets
The device has the following chip level reset sources:
Power-On Reset (POR)
External Chip Reset (RESET_N)
USB Bus Reset
8.3.1
Power-On Reset (POR)
A power-on reset occurs whenever power is initially supplied to the device, or if power is removed and
reapplied to the device. A timer within the device will assert the internal reset per the specifications
listed in Section 9.5.1, "Power-On Configuration Strap Valid Timing," on page 49.
8.3.2
External Chip Reset (RESET_N)
A valid hardware reset is defined as assertion of RESET_N, after all power supplies are within
operating range, per the specifications in Section 9.5.2, "Reset and Configuration Strap Timing," on
page 50. While reset is asserted, the device (and its associated external circuitry) enters Standby Mode
and consumes minimal current.
Assertion of RESET_N causes the following:
1. The PHY is disabled and the differential pairs will be in a high-impedance state.
2. All transactions immediately terminate; no states are saved.
3. All internal registers return to the default state.
4. The external crystal oscillator is halted.
5. The PLL is halted.
6. The HSIC Strobe and Data pins are driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com