Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3813 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB3813
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3813 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB3813 Datasheet HTML 14Page - Microchip Technology USB3813 Datasheet HTML 15Page - Microchip Technology USB3813 Datasheet HTML 16Page - Microchip Technology USB3813 Datasheet HTML 17Page - Microchip Technology USB3813 Datasheet HTML 18Page - Microchip Technology USB3813 Datasheet HTML 19Page - Microchip Technology USB3813 Datasheet HTML 20Page - Microchip Technology USB3813 Datasheet HTML 21Page - Microchip Technology USB3813 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
DS00001715A-page 18
 2014 Microchip Technology Inc.
4.2.2.2
3.3V + 1.8V
VBAT must be tied to the 3.3V system supply. VDDCOREREG must be tied to the 1.8V system supply.
In this configuration the 3.3V regulator will operate in dropout mode and the 1.2V regulator will be
active.
4.3
Power Connection Diagrams
Figure 4.1 illustrates the power connections for the USB3813 with various power supply configurations.
Figure 4.1 Power Connections
HSIC
3.3V Regulator
(IN)
(OUT)
VBAT
VBAT/+3.3V
Supply
1.2V
Core Logic
3.3V I/O
USB3813
Single Supply Application
1.2V Regulator
(IN)
(OUT)
3.3V Internal
Logic
VDD33
1.0uF
VDDCOREREG
VDDCR12
1.0uF
HSIC
3.3V Regulator
(IN)
(OUT)
VBAT
+3.3V
Supply
1.2V
Core Logic
3.3V I/O
USB3813
Dual Supply Application (3.3V & 1.8V)
1.2V Regulator
(IN)
(OUT)
3.3V Internal
Logic
VDD33
1.0uF
VDDCOREREG
VDDCR12
1.0uF
+1.8V
Supply
GND
4.7uF
GND
4.7uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com