Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250 Datasheet(PDF) 23 Page - Microchip Technology

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250 Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB2250 Datasheet HTML 19Page - Microchip Technology USB2250 Datasheet HTML 20Page - Microchip Technology USB2250 Datasheet HTML 21Page - Microchip Technology USB2250 Datasheet HTML 22Page - Microchip Technology USB2250 Datasheet HTML 23Page - Microchip Technology USB2250 Datasheet HTML 24Page - Microchip Technology USB2250 Datasheet HTML 25Page - Microchip Technology USB2250 Datasheet HTML 26Page - Microchip Technology USB2250 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 23
USB2250/50i/51/51i
Note 7-1
This value is a UNICODE UTF-16LE encoded string value that meets the USB 2.0 specification
(Revision 2.0, 2000). Values in double quotations without this note are ASCII values.
Note 7-2
For a list of the most current 16-bit language ID’s defined by the USB-IF, please visit
http://www.unicode.org or consult The Unicode Standard, Worldwide Character Encoding, (Version
4.0), The Unicode Consortium, Addison-Wesley Publishing Company, Reading, Massachusetts.
7.2.3
EEPROM DATA DESCRIPTOR REGISTER DESCRIPTIONS
7.2.3.1
00h: USB Serial String Descriptor Length
7.2.3.2
01h: USB Serial String Descriptor Type
7.2.3.3
02h-19h: USB Serial Number Option
7.2.3.4
1Ah-1Bh: USB Vendor ID Option
A7h
SD_PWR_HB
Secure Digital Device
Power Hi byte
80h
A8h
LED_BLK_INT
LED Blink Interval
02h
A9h
LED_BLK_DUR
LED Blink After Access
28h
AAh - B0h
DEV0_ID_STR
Device 0 Identifier String
“CF”
B1h - B7h
DEV1_ID_STR
Device 1 Identifier String
“MS”
B8h - BEh
DEV2_ID_STR
Device 2 Identifier String
“SM”
BFh - C5h
DEV3_ID_STR
Device 3 Identifier String
“SD/MMC”
C6h - CDh
INQ_VEN_STR
Inquiry Vendor String
“Generic”
CEh-D2h
INQ_PRD_STR
Inquiry Product String
2250
D3h
DYN_NUM_LUN
Dynamic Number of LUNs
FFh
D4h - D7h
DEV_LUN_MAP
Device to LUN Mapping
FFh, FFh, FFh, FFh
D8h - DAh
MS_BUS_TIMINGReserved
-
00h, 03h, 07h
DBh - DDh
MS_BUS_TIMINGReserved
-
5Ch, 56h, 97h
DEh-FBh
Not Applicable
-
00h
FCh-FFh
NVSTORE_SIG
Non-Volatile Storage Signature
“ATA2”
Byte
Name
Description
0
USB_SER_LEN
USB serial string descriptor length as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength” which
describes the size of the string descriptor (in bytes).
Byte
Name
Description
1
USB_SER_TYP
USB serial string descriptor type as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bDescriptorType”
which is a constant value associated with a string descriptor type.
Byte
Name
Description
25:2
USB_SER_NUM
Maximum string length is 12 hex digits. Must be unique to each device.
Byte
Name
Description
1:0
USB_VID
This ID is unique for every vendor. The vendor ID is assigned by the USB
Implementer’s Forum.
TABLE 7-1:
INTERNAL FLASH MEDIA CONTROLLER CONFIGURATIONS (CONTINUED)
Address
Register Name
Description
Internal Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com