Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB2250 Datasheet HTML 20Page - Microchip Technology USB2250 Datasheet HTML 21Page - Microchip Technology USB2250 Datasheet HTML 22Page - Microchip Technology USB2250 Datasheet HTML 23Page - Microchip Technology USB2250 Datasheet HTML 24Page - Microchip Technology USB2250 Datasheet HTML 25Page - Microchip Technology USB2250 Datasheet HTML 26Page - Microchip Technology USB2250 Datasheet HTML 27Page - Microchip Technology USB2250 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
USB2250/50i/51/51i
DS00002005A-page 24
 2009 - 2015 Microchip Technology Inc.
7.2.3.5
1Ch-1Dh: USB Product ID Option
7.2.3.6
1Eh: USB Language Identifier Descriptor Length
7.2.3.7
1Fh: USB Language Identifier Descriptor Type
7.2.3.8
20h: USB Language Identifier Least Significant Byte
7.2.3.9
21h: USB Language Identifier Most Significant Byte
7.2.3.10
22h: USB Manufacturer String Descriptor Length
7.2.3.11
23h: USB Manufacturer String Descriptor Type
7.2.3.12
24h-31h: USB Manufacturer String Option
Byte
Name
Description
1:0
USB_PID
This ID is unique for every product. The product ID is assigned by the vendor.
Byte
Name
Description
0
USB_LANG_LEN
USB language ID string descriptor length as defined by Section 9.6.7 “String”
of the USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength”
which describes the size of the string descriptor (in bytes).
Byte
Name
Description
1
USB_LANG_TYP
USB language ID string descriptor type as defined by Section 9.6.7 “String” of
the USB 2.0 Specification (Revision 2.0, 2000). This field is the
“bDescriptorType” which is a constant value associated with a string descriptor
type.
Byte
Name
Description
2
USB_LANG_ID
_LSB
English language code = ‘0409’. See Note 7-2 to reference additional language
ID’s defined by the USB-IF.
Byte
Name
Description
3
USB_LANG_ID
_MSB
English language code = ‘0409’. See Note 7-2 to reference additional language
ID’s defined by the USB-IF.
Byte
Name
Description
0
USB_MFR_STR
_LEN
USB manufacturer string descriptor length as defined by Section 9.6.7 “String”
of the USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength”
which describes the size of the string descriptor (in bytes).
Byte
Name
Description
1
USB_MFR_STR
_TYP
USB manufacturer string descriptor type as defined by Section 9.6.7 “String” of
the USB 2.0 Specification (Revision 2.0, 2000). This field is the
“bDescriptorType” which is a constant value associated with a string descriptor
type.
Byte
Name
Description
15:2
USB_MFR_STR
Maximum string length is 29 characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com