Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB2250 Datasheet HTML 25Page - Microchip Technology USB2250 Datasheet HTML 26Page - Microchip Technology USB2250 Datasheet HTML 27Page - Microchip Technology USB2250 Datasheet HTML 28Page - Microchip Technology USB2250 Datasheet HTML 29Page - Microchip Technology USB2250 Datasheet HTML 30Page - Microchip Technology USB2250 Datasheet HTML 31Page - Microchip Technology USB2250 Datasheet HTML 32Page - Microchip Technology USB2250 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 29
USB2250/50i/51/51i
7.2.5.6
CEh-D2h: Inquiry Product String
7.2.5.7
D3h: Dynamic Number of LUNs
7.2.5.8
D4h-D7h: Device to LUN Mapping
7.2.5.9
D8h-FBh: Not Applicable
7.2.5.10
FCh-FFh: Non-Volatile Storage Signature
Byte
Name
Description
4:0
INQ_PRD_STR
If bit 4 of the 1st attribute byte is set, the device will use these strings in
response to a USB inquiry command, instead of the USB descriptor
manufacturer and product ID strings.
Byte
Name
Description
7:0
DYN_NUM_LUN
These bytes are used to specify the number of LUNs the device exposes to
the host. These bytes are also used for icon sharing by assigning more than
one LUN to a single icon. This is used in applications where the device utilizes
a combo socket and the OEM wishes to have only a single icon displayed for
one or more interfaces.
If this field is set to "FF", the program assumes that you are using the default
value and icons will be configured per the default configuration.
Byte
Name
Description
3:0
DEV_LUN_MAP
These registers map a device controller (SD/MMC, SM, and MS) to a Logical
Unit Number (LUN). The device reports the mapped LUNs to the USB host in
the USB descriptor during enumeration. The icon installer associates custom
icons with the LUNs specified in these fields.
Setting a register to "FF" indicates that the device is not mapped. Setting all
of the DEV_LUN_MAP registers for all devices to "FF" forces the use of the
default mapping configuration. Not all configurations are valid. Valid
configurations depend on the hardware, packaging, and OEM board layout.
The number of unique LUNs mapped must match the value in the Section
7.2.5.7, "D3h: Dynamic Number of LUNs," on page 29.
Byte
Name
Description
35:0
Not Applicable
Not Applicable.
Byte
Name
Description
3:0
NVSTORE_SIG
This signature is used to verify the validity of the data in the first 256 bytes of
the configuration area. The signature must be set to ‘ATA2’ for
USB2250/50i/51/51i.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com