Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB2250 Datasheet HTML 6Page - Microchip Technology USB2250 Datasheet HTML 7Page - Microchip Technology USB2250 Datasheet HTML 8Page - Microchip Technology USB2250 Datasheet HTML 9Page - Microchip Technology USB2250 Datasheet HTML 10Page - Microchip Technology USB2250 Datasheet HTML 11Page - Microchip Technology USB2250 Datasheet HTML 12Page - Microchip Technology USB2250 Datasheet HTML 13Page - Microchip Technology USB2250 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 10
USB2250/50i/51/51i
5.0
PIN DESCRIPTIONS
This section provides a detailed description of each signal. The signals are arranged in functional groups according to
their associated interface. The pin descriptions are applied when using the internal default firmware and can be refer-
enced in Section 7.0, "Configuration Options," on page 21. Please reference Section 1.1, "Acronyms," on page 5 for a
list of the acronyms used.
The “n” symbol in the signal name indicates that the active, or asserted, state occurs when the signal is at a low voltage
level. When “n” is not present in the signal name, the signal is asserted at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture of
“active low” and “active high” signals. The term assert, or assertion, indicates that a signal is active, independent of
whether that level is represented by a high or low voltage. The term negate, or negation, indicates that a signal is inac-
tive.
5.1
128-Pin VTQFP Pin Descriptions
TABLE 5-1:
USB2250/50I/51/51I 128-PIN VTQFP PIN DESCRIPTIONS
Name
Symbol
128-Pin
VTQFP
Buffer
Type
Description
COMPACT FLASH (CF) INTERFACE
CF Chip Select 0
CF_nCS0
71
O12PU
This pin is the active low chip select 0 signal for
the task file registers of the CF ATA device in
True IDE mode. This pin has a weak internal
pull-up resistor.
CF Register
Address
CF_SA[2:0]
82
83
84
I/O12
These pins are the register select address bits
for the CF ATA device.
CF Interrupt
CF_IRQ
74
IPD
This is the active high interrupt request signal
from the CF device. This pin has a weak internal
pull-down resistor.
CF Data 15-8
CF_D[15:8] /
70
68
66
62
60
90
89
87
I/O12PD
CF_D[15:8]: These pins are the bi-directional
data signals CF_D15 - CF_D8 in True IDE mode
data transfer.
In True IDE mode, all task file register
operations occur on CF_D[7:0], while data
transfer occurs on CF_D[15:0].
These bi-directional data signals have weak
internal pull-down resistors.
CF Data 7-0
CF_D[7:0]
69
67
63
61
59
88
86
85
I/O12PD
CF_D[7:0]: These pins are the bi-directional
data signals CF_D7 - CF_D0 in True IDE mode
data transfer. In True IDE mode, all of the task
file register operations occur on CF_D[7:0],
while data transfer occurs on CF_D[15:0].
These bi-directional data signals have weak
internal pull-down resistors.
IO Ready
CF_IORDY
80
IPU
This pin is the active high input signal for
IORDY. This pin has a weak internal pull-up
resistor.
CF Card
Detection1
CF_nCD
58
I/O12
Designates as the Compact Flash card
detection pin.
CF Hardware
Reset
CF_RESET_N
79
O12
This pin is an active low hardware reset signal
to the CF device.
CF IO Read
CF_nIOR
72
O12
This pin is an active low read strobe signal for
the CF device.
CF IO Write
Strobe
CF_nIOW
73
O12
This pin is an active low write strobe signal for
the CF device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com