Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB2250 Datasheet HTML 26Page - Microchip Technology USB2250 Datasheet HTML 27Page - Microchip Technology USB2250 Datasheet HTML 28Page - Microchip Technology USB2250 Datasheet HTML 29Page - Microchip Technology USB2250 Datasheet HTML 30Page - Microchip Technology USB2250 Datasheet HTML 31Page - Microchip Technology USB2250 Datasheet HTML 32Page - Microchip Technology USB2250 Datasheet HTML 33Page - Microchip Technology USB2250 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
USB2250/50i/51/51i
DS00002005A-page 30
 2009 - 2015 Microchip Technology Inc.
7.3
Default Configuration Option
The Microchip device can be configured via its internal default configuration. Please see Section 7.2.2, "EEPROM Data
Descriptor" for specific details on how to enable default configuration. Please refer to Table 7-1 for the internal default
values that are loaded when this option is selected.
7.3.1
EXTERNAL HARDWARE NRESET
A valid hardware reset is defined as assertion of nRESET for a minimum of 1
s after all power supplies are within oper-
ating range. While reset is asserted, the device (and its associated external circuitry) consumes less than 500
A of
current.
Assertion of nRESET (external pin) causes the following:
1.
The PHY is disabled and the differential pair will be in a high-impedance state.
2.
All transactions immediately terminate; no states are saved.
3.
All internal registers return to the default state.
4.
The external crystal oscillator is halted.
5.
The PLL is halted.
6.
The processor is reset.
7.
All media interfaces are reset.
7.3.1.1
nRESET for EEPROM Configuration
FIGURE 7-1:
NRESET TIMING FOR EEPROM MODE
TABLE 7-2:
NRESET TIMING FOR EEPROM MODE
Name
Description
MIN
TYP
MAX
Units
t1
nRESET asserted
1
sec
t2
Device recovery/stabilization
500
sec
t3
8051 programs device configuration
20
50
msec
t4
USB attach
100
msec
t5
Host acknowledges attach and signals USB reset
100
msec
t6
USB idle
Undefined
msec
t7
Ready to handle requests (with or without data)
5
msec
Note:
All power supplies must have reached the operating levels mandated in Section 9.0, "DC Parameters",
prior to (or coincident with) the assertion of nRESET.
t1
t2
t4
t5
t6
t7
nRESET
VSS
Hardware
reset
asserted
Device
Recovery/
Stabilization
8051 Sets
Configuration
Registers
Attach
USB
Upstream
USB Reset
recovery
Idle
Start
completion
request
response
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com