Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB2250 Datasheet HTML 7Page - Microchip Technology USB2250 Datasheet HTML 8Page - Microchip Technology USB2250 Datasheet HTML 9Page - Microchip Technology USB2250 Datasheet HTML 10Page - Microchip Technology USB2250 Datasheet HTML 11Page - Microchip Technology USB2250 Datasheet HTML 12Page - Microchip Technology USB2250 Datasheet HTML 13Page - Microchip Technology USB2250 Datasheet HTML 14Page - Microchip Technology USB2250 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
USB2250/50i/51/51i
DS00002005A-page 11
 2009 - 2015 Microchip Technology Inc.
CF DMA request
CF_DMARQ /
RXD
117
I
CF_DMARQ: This pin is the DMA request from
the device to the CF controller.
RXD: The signal can be used as input to the
RXD of UART in the device. Custom firmware is
required to activate this function.
CF DMA
acknowledge
CF_DMACK
119
O12
CF_nDMACK: This pin is an active low DMA
acknowledge signal for the CF device.
SMARTMEDIA (SM) INTERFACE
SM Write Protect
SM_nWP
47
O12PD
This pin is an active low write protect signal for
the SM device and has a weak pull-down
resistor that is permanently enabled.
SM Address
Strobe
SM_ALE
52
O12PD
This pin is an active high Address Latch Enable
signal for the SM device and has a weak pull-
down resistor that is permanently enabled.
SM Command
Strobe
SM_CLE
53
O12PD
This pin is an active high Command Latch
Enable signal for the SM device and has a weak
pull-down resistor that is permanently enabled.
SM Data 7-0
SM_D[7:0]
39
40
41
42
43
44
45
46
I/O12PD
These pins are the bi-directional data signals
SM_D7-SM_D0 and have weak internal pull-
down resistors.
SM Read Enable
SM_nRE
55
O12PU
This pin is an active low read strobe signal for
the SM device.
When using the internal FET, this pin has a
weak internal pull-up resistor that is tied to the
output of the internal power FET.
If an external FET is used (internal FET is
disabled), then the internal pull-up is not
available (external pull-ups must be used).
SM Write Enable
SM_nWE
48
O12PU
This pin is an active low write strobe signal for
the SM device.
When using the internal FET, this pin has a
weak internal pull-up resistor that is tied to the
output of the internal power FET.
If an external FET is used (internal FET is
disabled), then the internal pull-up is not
available (external pull-ups must be used).
SM Write Protect
Switch
SM_nWPS
38
IPU
A write-protect seal is detected when this pin is
low. This pin has a weak internal pull-up resistor.
SM Busy or Data
Ready
SM_nB/R
56
IPU
This pin is connected to the BSY/RDY pin of the
SM device.
When using the internal FET, this pin has a
weak internal pull-up resistor that is tied to the
output of the internal power FET.
If an external FET is used (internal FET is
disabled), then the internal pull-up is not
available (external pull-ups must be used).
TABLE 5-1:
USB2250/50I/51/51I 128-PIN VTQFP PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
128-Pin
VTQFP
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com