Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250 Datasheet(PDF) 36 Page - Microchip Technology

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250 Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB2250 Datasheet HTML 32Page - Microchip Technology USB2250 Datasheet HTML 33Page - Microchip Technology USB2250 Datasheet HTML 34Page - Microchip Technology USB2250 Datasheet HTML 35Page - Microchip Technology USB2250 Datasheet HTML 36Page - Microchip Technology USB2250 Datasheet HTML 37Page - Microchip Technology USB2250 Datasheet HTML 38Page - Microchip Technology USB2250 Datasheet HTML 39Page - Microchip Technology USB2250 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 36
USB2250/50i/51/51i
Input Leakage
(All I and IS buffers)
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
A
A
VIN = 0
VIN = VDD33
O12 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
VDD33
- 0.4
-10
0.4
+10
V
V
A
IOL = 12 mA @
VDD33= 3.3 V
IOH = -12 mA @
VDD33= 3.3 V
VIN = 0 to VDD33
(Note 9-5)
I/O12, I/O12PU & I/O12PD Type
Buffer
Low Output Level
High Output Level
Output Leakage
Pull Down
Pull Up
VOL
VOH
IOL
PD
PU
VDD33
- 0.4
-10
72
58
0.4
+10
V
V
A
A
A
IOL = 12 mA @
VDD33= 3.3 V
IOH = -12 mA @
VDD33= 3.3 V
VIN = 0 to VDD33
(Note 9-5)
IO-U
(Note 9-6)
I-R
(Note 9-7)
I/O200
Integrated Power FET for
CRD_PWR0, CRD_PWR1,
CRD_PWR2 and CRD_PWR3
High Output Current Mode
Low Output Current Mode
(Note 9-8)
On Resistance
(Note 9-8)
Output Voltage Rise Time
IOUT
IOUT
RDSON
tDSON
200
100
2.1
800
mA
mA
s
VdropFET = 0.46 V
VdropFET = 0.23 V
IFET = 70 mA
CLOAD = 10 F
Supply Current Unconfigured
ICCINIT
80
90
mA
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com