Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB2250 Datasheet HTML 11Page - Microchip Technology USB2250 Datasheet HTML 12Page - Microchip Technology USB2250 Datasheet HTML 13Page - Microchip Technology USB2250 Datasheet HTML 14Page - Microchip Technology USB2250 Datasheet HTML 15Page - Microchip Technology USB2250 Datasheet HTML 16Page - Microchip Technology USB2250 Datasheet HTML 17Page - Microchip Technology USB2250 Datasheet HTML 18Page - Microchip Technology USB2250 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
USB2250/50i/51/51i
DS00002005A-page 15
 2009 - 2015 Microchip Technology Inc.
MISC
General Purpose
Input/Output
LED
120
I/O12
LED: It can be used as an LED output.
VBUS_DET
121
I/O12
VBUS is a 3.3 volt input. A resistor divider must
be used if connecting to 5 volts of USB power.
SCL /
xD_ID
118
O12
SCL: This is the clock output when used with an
external EEPROM.
I/O12
xD_ID: This is the xD-Picture Card detection pin
only applicable to USB2250/USB2250i.
SDA
5
I/O12
SDA: This is the data pin when used with an
external serial EEPROM.
CRD_PWR0
14
I/O12
CRD_PWR: Card power drive of 3.3 V at either
100 mA or 200 mA.
I/O200
CRD_PWR1
78
I/O12
CRD_PWR: Card power drive of 3.3 V at either
100 mA or 200 mA.
I/O200
CRD_PWR2
76
I/O200
CRD_PWR: Card power drive of 3.3 V at either
100 mA or 200 mA.
Requirement: This must be the only FET used
to power SM devices. Failure to do this will
violate SM voltage specification on SM device
pins.
CRD_PWR3
16
I/O200
CRD_PWR: Card power drive of 3.3 V at either
100 mA or 200 mA.
Requirement: This must be the only FET used
to power SM devices. Failure to do this will
violate SM voltage specification on SM device
pins.
RESET Input
RESET_N
64
IS
This active low signal is used by the system to
reset the chip. The active low pulse should be
at least 1
s wide.
TEST Input
TEST
103
I
Tie this pin to ground for normal operation.
Regulator Enable
REG_EN
6
IPU
This signal is used to enable the internal
1.8 V regulator.
DIGITAL POWER, and GROUND
1.8 V Digital Core
Power
VDD18
49
If the internal regulator is enabled, then this pin
must have a 1.0
F (or greater) ±20% (ESR
<0.1
) capacitor to VSS.
1.8 V PLL Power
VDD18PLL
125
If the internal regulator is enabled, then this pin
must have a 1.0
F (or greater) ±20% (ESR
<0.1
) capacitor to VSS.
3.3 V Power and
Voltage Regulator
Input
VDD33
15
50
65
77
104
128
If the internal regulator is enabled, pins 50 and
128 each require an external bypass capacitor
of 4.7
F minimum.
TABLE 5-1:
USB2250/50I/51/51I 128-PIN VTQFP PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
128-Pin
VTQFP
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com