Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3750 Datasheet(PDF) 23 Page - Microchip Technology

Part # USB3750
Description  USB 2.0 Protection IC with Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3750 Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB3750 Datasheet HTML 19Page - Microchip Technology USB3750 Datasheet HTML 20Page - Microchip Technology USB3750 Datasheet HTML 21Page - Microchip Technology USB3750 Datasheet HTML 22Page - Microchip Technology USB3750 Datasheet HTML 23Page - Microchip Technology USB3750 Datasheet HTML 24Page - Microchip Technology USB3750 Datasheet HTML 25Page - Microchip Technology USB3750 Datasheet HTML 26Page - Microchip Technology USB3750 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
 2011 - 2014 Microchip Technology Inc.
DS00001824A-page 23
USB375x
5.2
ESD Performance
The USB375x is protected from ESD strikes. By eliminating the requirement for external ESD protection devices, board
space is conserved, and the board manufacturer is enabled to reduce cost. The advanced ESD structures integrated
into the USB375x protect the device whether or not it is powered up.
5.2.1
HUMAN BODY MODEL (HBM) PERFORMANCE
HBM testing verifies the ability to withstand the ESD strikes like those that occur during handling and manufacturing,
and is done without power applied to the IC. To pass the test, the device must have no change in operation or perfor-
mance due to the event. The USB375x HBM performance is detailed in .
5.2.2
EN/IEC 61000-4-2 PERFORMANCE
The EN/IEC 61000-4-2 ESD specification is an international standard that addresses system-level immunity to ESD
strikes while the end equipment is operational. In contrast, the HBM ESD tests are performed at the device level with
the device powered down.
Microchip contracts with Independent laboratories to test the USB375x to EN/IEC 61000-4-2 in a working system.
Reports are available upon request. Please contact your Microchip representative, and request information on 3rd party
ESD test results. The reports show that systems designed with the USB375x can safely provide the ESD performance
shown in without additional board level protection.
In addition to defining the ESD tests, EN/IEC 61000-4-2 also categorizes the impact to equipment operation when the
strike occurs (ESD Result Classification). The USB375x maintains an ESD Result Classification 1 or 2 when subjected
to an EN/IEC 61000-4-2 (level 4) ESD strike.
Both air discharge and contact discharge test techniques for applying stress conditions are defined by the EN/IEC
61000-4-2 ESD document.
FIGURE 5-2:
USB3751 DEVICE APPLICATION DIAGRAM
Applications
Processor
USB
Connector
DP
DM
VBUS
SHIELD
GND
USB3751
I2C_DAT
I2C_CLK
INT_B
VBUS
DP_C
DM_C
GND
CVBUS
DP_1
DM_1
I2C_DAT
I2C_CLK
VOUT
RPU
RPU
RPU
INT_B
VCC
USB
2.0
PHY
PMIC
CSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com