Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3750 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB3750
Description  USB 2.0 Protection IC with Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3750 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB3750 Datasheet HTML 8Page - Microchip Technology USB3750 Datasheet HTML 9Page - Microchip Technology USB3750 Datasheet HTML 10Page - Microchip Technology USB3750 Datasheet HTML 11Page - Microchip Technology USB3750 Datasheet HTML 12Page - Microchip Technology USB3750 Datasheet HTML 13Page - Microchip Technology USB3750 Datasheet HTML 14Page - Microchip Technology USB3750 Datasheet HTML 15Page - Microchip Technology USB3750 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
USB375x
DS00001824A-page 12
 2011 - 2014 Microchip Technology Inc.
4.0
GENERAL OPERATION
The USB375x is an integrated USB protection device, battery charger detection device, and High Speed USB mux
(USB3750 only). The USB375x is designed to protect a USB product from electrical overstress on the USB connector.
The USB375x includes several features designed to improve the reliability and speed the design of products designed
with a USB interface.
The USB3750 includes a high bandwidth HS USB mux. The mux allows high speed signals to pass through and still
meet HS USB signaling requirements.
The USB375x will protect the system from ESD stress events on VBUS, DP, and DM. The USB375x provides ESD pro-
tection to the IEC-61000 ESD specification.
The low resistance VBUS overvoltage protection switch protects the internal circuitry from VBUS over voltage events.
When VBUS is outside the safe operating range VBUS switch will automatically open.
The USB375x also includes the capability to detect various USB battery chargers, including those defined in the USB
Battery Charging Specification, Revision 1.2.
To support the device dead battery conditions as defined in the USB Battery Charging Specification, Revision 1.2, the
USB375x-1 has the ability to drive VDAT_SRC on DP which allows a device with a dead battery to draw 100mA from a
USB host. This will allow a device to charge a dead battery without violating the USB specifications. The USB375x-1
also includes a current limit to prevent the unconfigured current from exceeding 100mA. Note, this feature is not avail-
able with the USB375x-2.
The USB3750 block diagram is shown Figure 4-1 and the USB3751 block diagram is shown Figure 4-2.
FIGURE 4-1:
USB3750 BLOCK DIAGRAM
SCL
SDA
VBUS
VOUT
I
2C
Interface
INT_B
DP
DM
HS USB
Switch
DM_2
DP_2
USB 2.0 PHY,
Processor, or
Accessory
Processor
Charger
Detection
Battery
Charger/
PMU
GND
DM_1
DP_1
USB 2.0 PHY,
Processor, or
Accessory
Over-Voltage/Under-Voltage
Protection and Current
Limiting
DP
DM
VBUS
VBUS
DP
DM
VBUS
DP
DM
USB3750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com