Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3750 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB3750
Description  USB 2.0 Protection IC with Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3750 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB3750 Datasheet HTML 10Page - Microchip Technology USB3750 Datasheet HTML 11Page - Microchip Technology USB3750 Datasheet HTML 12Page - Microchip Technology USB3750 Datasheet HTML 13Page - Microchip Technology USB3750 Datasheet HTML 14Page - Microchip Technology USB3750 Datasheet HTML 15Page - Microchip Technology USB3750 Datasheet HTML 16Page - Microchip Technology USB3750 Datasheet HTML 17Page - Microchip Technology USB3750 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
USB375x
DS00001824A-page 14
 2011 - 2014 Microchip Technology Inc.
4.2.1
CHARGER DETECTION CIRCUITRY
The charger detection circuitry shown Figure 4-3 is used to detect the type charger attached to the USB connector.
The VdatDet output is qualified with the Linestate[1:0] value. If the Linestate is not equal to 00b the VdatDet signal will
not assert.
TABLE 4-1:
VALID CHARGERS
USB Charger Type
DP/DM
Profile
I2C Reg 0
Bits[7:5]
(ChargerType)
DCP
(Dedicated Charging Port, defined in Battery Charging
1.2 specification)
Shorted < 200ohm
001
CDP
(Charging Downstream Port, defined in Battery Charging
1.2 specification)
VDP reflected to VDM
010
(EnhancedChrgDet = 1)
SDP
(Standard Downstream Port)
USB Host or downstream hub port
15Kohm
pull-down on DP and DM
011
SE1 Charger Low Current Charger
DP = 2.0V
DM = 2.0V
100
(SE1ChrgDet =1)
SE1 Charger High Current Charger
DP = 2.0V
DM = 2.7V
101
(SE1ChrgDet =1)
FIGURE 4-3:
USB CHARGER DETECTION BLOCK DIAGRAM
Note:
The italic names in the Figure 4-3 correspond to bits in the I2C register set.
VDAT_REF
DP
VBUS
To USB Con.
en
DM
To USB Con.
IdatSinkEn
HostChrgEn
VdatDet
VdatSrcEn
IDAT_SINK
en
VdatSrc
ContactDetectEn
IDP_SRC
en
DpPulldownEn
DmPulldownEn
MUX
I
2C
Registers
Charger
State
Machine
DpSeRx
DmSeRx
SeRxEn
I
2C Control
HiCurrent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com