Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3750 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB3750
Description  USB 2.0 Protection IC with Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3750 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB3750 Datasheet HTML 23Page - Microchip Technology USB3750 Datasheet HTML 24Page - Microchip Technology USB3750 Datasheet HTML 25Page - Microchip Technology USB3750 Datasheet HTML 26Page - Microchip Technology USB3750 Datasheet HTML 27Page - Microchip Technology USB3750 Datasheet HTML 28Page - Microchip Technology USB3750 Datasheet HTML 29Page - Microchip Technology USB3750 Datasheet HTML 30Page - Microchip Technology USB3750 Datasheet HTML 31Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
 2011 - 2014 Microchip Technology Inc.
DS00001824A-page 27
USB375x
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision
Section/Figure/Entry
Correction
DS00001824A (09-22-14)
Replaces previous SMSC version Rev. 1.1 (02-12-13); document is converted to
Microchip template
Product Identification Sys-
tem on page 29
Reel size is changed from 4000 to 5000; tempera-
ture range designator and explanation removed
Package Information on
page 25
The following diagrams removed: Reel Dimen-
sions, Tape Sections and Package Marking.
Section 2.2, "Pin Definitions"
Description for pins 12 and 13 modified.
All
Updated Battery Charging references to revision
1.2 of the specification.
Section 1.0, "Introduction,"
on page 4
• Added note: “The device’s Data Contact
Detect Timeout parameter does not conform to
the USB Battery Charging Specification. How-
ever, this will not affect other factors in charger
detection. Refer to Table 3-2, “Electrical Speci-
fications,” on page 7 for additional informa-
tion.”
• Added cross-references to new note on all
mentions of the Battery Charging Specification
in this section.
Table 3-2, “Electrical Specifi-
cations,” on page 7
• Updated VBUS Over Voltage Lockout values
to be specific for the USB3750 and USB3751
• Updated Data Contact Detect Timeout values
and added note: The device’s Data Contact
Detect Timeout parameter does not conform to
the USB Battery Charging Specification. How-
ever, this will not affect other factors in charger
detection.”
Rev. 1.1 (02-12-13)
All
Misc. typos, etc.
Section 4.4.1, "I2C
Interface," on page 18
Added additional paragraph: “The USB375x-1
requires I2C communications in order for the
default USB path to be enabled. By default, the
100mA current limit is enabled. Only devices that
draw <100mA will be enabled through the path as
part of dead battery provision support. In order to
bypass this limit, bits 0 (EnableOVP Switch) and 2
(OverideVBUS) in Register 1 (Configuration
Register) need to be set via I2C.”
Rev. 1.0 (09-02-11)
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com