Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3750 Datasheet(PDF) 6 Page - Microchip Technology

Part # USB3750
Description  USB 2.0 Protection IC with Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3750 Datasheet(HTML) 6 Page - Microchip Technology

Back Button USB3750 Datasheet HTML 2Page - Microchip Technology USB3750 Datasheet HTML 3Page - Microchip Technology USB3750 Datasheet HTML 4Page - Microchip Technology USB3750 Datasheet HTML 5Page - Microchip Technology USB3750 Datasheet HTML 6Page - Microchip Technology USB3750 Datasheet HTML 7Page - Microchip Technology USB3750 Datasheet HTML 8Page - Microchip Technology USB3750 Datasheet HTML 9Page - Microchip Technology USB3750 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
USB375x
DS00001824A-page 6
 2011 - 2014 Microchip Technology Inc.
2.2
Pin Definitions
The following table details the ball/pin definitions for the package diagrams above.
Pin
Name
Type/
Direction
Description
15
DP
Analog
USB Mux Output
14
DM
Analog
1DP_1
Analog
USB Mux Input 1
16
DM_1
Analog
13
DP_2 / NC
Analog
USB Mux Input 2 (USB3750 Only)
These pins are No Connects for the USB3751 (do not connect)
12
DM_2 / NC
Analog
8GND
Analog
Ground. The QFN package flag should also connected to ground.
6
SCL
Input
I2C Clock input. This pin is an open drain output and requires a
10Kohm pull-up.
5
SDA
Open Drain/
IO
Bi-Directional I2C data. This pin is an open drain output and
requires a 10Kohm pull-up.
7
INT_B
Open Drain/
Output
Open Drain Interrupt. This pin is an open drain output that is
pulled low when an interrupt occurs. A 10Kohm pull-up is required
on this pin.
9
VOUT
Analog
Overvoltage switch output. This pin is connected to VBUS when
the overvoltage protection switch is enabled. It is also the output
of the 100mA current limit.
The three VOUT pins must be connected together. When VBUS
is between UVLO and OVLO VOUT is connected to VBUS. When
VBUS is below UVLO or above OVLO the USB375x will tri-state.
10
11
2
VBUS
Analog
VBUS pin of the USB connector.
The three VBUS pins must be connected together. When the
OVP switch is closed, the VBUS pin will be isolated from VOUT.
When the OVP switch is open, VBUS will be connected to VOUT.
The USB375x is powered from this pin.
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com