Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3750 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB3750
Description  USB 2.0 Protection IC with Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3750 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB3750 Datasheet HTML 3Page - Microchip Technology USB3750 Datasheet HTML 4Page - Microchip Technology USB3750 Datasheet HTML 5Page - Microchip Technology USB3750 Datasheet HTML 6Page - Microchip Technology USB3750 Datasheet HTML 7Page - Microchip Technology USB3750 Datasheet HTML 8Page - Microchip Technology USB3750 Datasheet HTML 9Page - Microchip Technology USB3750 Datasheet HTML 10Page - Microchip Technology USB3750 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
 2011 - 2014 Microchip Technology Inc.
DS00001824A-page 7
USB375x
3.0
ELECTRICAL SPECIFICATIONS
3.1
Absolute Maximum Ratings
Stresses beyond the Absolute Maximum Ratings may damage the USB375x.
3.2
Electrical Specifications
TABLE 3-1:
ABSOLUTE MAXIMUM RATINGS
Description
Rating
Unit
VBUS Voltage to GND
-0.3 to 9.0
V
VOUT Voltage to GND
-0.3 to 7.5
V
Any other pin to GND
-0.3 to 5.5
V
Operating Temperature Range
-40 to +85
C
Storage Temperature Range
-55 to +150
C
ESD Rating
HBM
8,000
V
IEC-61000-4-2
15,000 (Air)
15,000 (Contact)
V
ESD Rating (SDA, SCL, INT_B)
HBM
1,500
V
TABLE 3-2:
ELECTRICAL SPECIFICATIONS
Characteristic
Symbol
MIN
TYP
MAX
Units
Conditions
VVBUS = 5.0V, TA = -40C to 85C, all typical values at TA = 27C unless otherwise noted.
VBUS Characteristics
VBUS Operating range
VVBUS
29
V
VBUS Over Voltage Lockout
(USB3750 Only)
VOVLO
6.2
6.9
V
USB3750 Only
VBUS Over Voltage Lockout
(USB3751 Only)
VOVLO
5.45
6.15
V
USB3751 Only
VBUS Under Voltage Lockout
VUVLO
3.3
3.4
3.8
V
VBUS Over Voltage Hysteresis
VOVLO
100
mV
VBUS Under Voltage Hysteresis VUVLO
100
mV
Operating Current
(OVP open)
IDD_OFF
110
uA
VVBUS < VUVLO
Operating Current
(OVP closed)
IDD_ON
75
115
370
uA
VUVLO < VVBUS < VOVLO
Operating Current
(100mA Limit enabled)
IDD
150
185
480
uA
VUVLO < VVBUS < VOVLO
VBUS Switch Characteristics
Overvoltage Switch ON
Resistance
RON_VBUS
70
mohm
QFN package
Overvoltage Switch Current
1.8
A
VUVLO < VVBUS < VOVLO
Overvoltage Switch OFF
Leakage
IOFF_VBUS
1
uA
VBUS = 5.0V; VOUT = 0V
VBUS Resistance to Ground
RVBUS
100
Kohm
VBUS Capacitance
CVBUS
1.0
uF
Charger Detection Characteristics 4.4 < VBUS < 5.5V
DP and DM leakage
1
uA
0.0V < Vpin < 3.3V
Data Source Voltage
VDAT_SRC
0.5
0.7
V
IDAT_SRC > 250uA
Data Detect Voltage
VDAT_REF
0.25
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com