Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3750 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB3750
Description  USB 2.0 Protection IC with Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3750 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB3750 Datasheet HTML 11Page - Microchip Technology USB3750 Datasheet HTML 12Page - Microchip Technology USB3750 Datasheet HTML 13Page - Microchip Technology USB3750 Datasheet HTML 14Page - Microchip Technology USB3750 Datasheet HTML 15Page - Microchip Technology USB3750 Datasheet HTML 16Page - Microchip Technology USB3750 Datasheet HTML 17Page - Microchip Technology USB3750 Datasheet HTML 18Page - Microchip Technology USB3750 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
 2011 - 2014 Microchip Technology Inc.
DS00001824A-page 15
USB375x
For the USB3750, EnableMux1 or EnableMux2 should not be set while charger detection operations are performed.
During the automatic charger detection EnableMux1 or EnableMux2 will be disabled. These will need to be disabled by
the I2C master if a custom charger detection is performed through I2C.
4.2.2
AUTOMATIC CHARGER DETECTION
Automatic charger detection will be begin after VBUS crosses the UVLO threshold, and will follow the flow charts shown
below in Figure 4-4 and Figure 4-6. The flow chart timing can be found in Section 3.3.2. When automatic charger detec-
tion has completed, the INT_B signal will go low, and the type of charger that was detected will be reflected in the Char-
gerType bits of I2C REG 0 BITS [7:5].
FIGURE 4-4:
CHARGER DETECTION FLOW CHART (USB3750-1)
Start Chrg Detection
ChrgDetComplete = 0
Drive DP
VDAT_SRC for
TVDPSRC_ON
VDAT
Detect?
DCP
Detected
Exit Chrg Detection
ChrgDetComplete = 1
=1
Any UVLO or OVLO Exit Chrg Detection
SE1 Low
Current
Charger
Enable
100mA after
TVLO_RELEASE
Wait
TVDPSRC_HICRNT
SE1?
=1
Release and
wait TCD_SE1
Default USB
Mux setting
=0
CDP
Detected
SE1 High
Current
Charger
RxHiCurr?
=1
=0
SDP
Detected
UVLO < VBUS < OVLO
Start TVLO_RELEASE
Enable IDP_SRC
and RPD_DM
Enable OVP
Switch
=0
Disable
100mA
current limit
Clear Charger
Detection
Register
Wait for DP
Low or
TDCD_TOUT
Disable
IDP_SRC
and RPD_DM
=1
VDAT
Detect?
Drive DM
VDAT_SRC for
TVDPSRC_ON
=0
=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com