Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3750 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB3750
Description  USB 2.0 Protection IC with Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3750 Datasheet(HTML) 1 Page - Microchip Technology

  USB3750 Datasheet HTML 1Page - Microchip Technology USB3750 Datasheet HTML 2Page - Microchip Technology USB3750 Datasheet HTML 3Page - Microchip Technology USB3750 Datasheet HTML 4Page - Microchip Technology USB3750 Datasheet HTML 5Page - Microchip Technology USB3750 Datasheet HTML 6Page - Microchip Technology USB3750 Datasheet HTML 7Page - Microchip Technology USB3750 Datasheet HTML 8Page - Microchip Technology USB3750 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
 2011 - 2014 Microchip Technology Inc.
DS00001824A-page 1
Features
• VBUS Over-Voltage Protection
- Protects internal circuits from VBUS up to 9V
- Over-Voltage/Under-Voltage Lockout opens
VBUS switch
- Interrupt to indicate Over-Voltage/Under-Volt-
age Lockout
- Integrated Low RDSON FET
• USB Port ESD Protection (DP/DM/VBUS)
- ±15kV (air discharge)
- ±15kV (contact discharge)
- IEC 61000-4-2 level 4 ESD protection without
external devices
• High Speed USB Mux for multiplexing the USB
lanes between different functions (USB3750 only)
- Switch the USB connector between two dif-
ferent functions
- High bandwidth USB switch passes HS USB
signals
• Provides USB Battery Charger Detection for:
- USB-IF Battery Charging compliant Dedi-
cated Charging Ports (DCP)
- USB-IF Battery Charging compliant Charging
Downstream Port (CDP)
- Standard Downstream Port (SDP); i.e. USB
host or downstream hub port
- Dedicated SE1 type chargers
• Dead Battery Provision Support (USB375x-1
only)
- Allows 100 mA trickle charging from VBUS
when attached to a Standard Downstream
Port (SDP) while not enumerated
- Built-in 100mA current limiting option
• Microchip RapidCharge Anywhere™ Provides:
- 3-times the charging current through a USB
port over traditional solutions
- USB-IF Battery Charging 1.2 compliance to
any portable device
- Charging current up to 1.5Amps via compati-
ble USB host or dedicated charger
- Dedicated Charging Port (DCP), Charging
(CDP) & Standard (SDP) Downstream Port
support
•flexPWR® Technology
- Extremely low current design ideal for battery
powered applications
- Maximizes power delivered to the system
• Industrial Operating Temperature -40°C to +85°C
• 16-Pin QFN RoHS compliant package; (3.0 mm x
3.0 mm x 0.9 mm height
USB375x Block Diagram
SCL
SDA
VBUS
VOUT
I
2C
Interface
INT_B
DP
DM
HS USB
Switch
DM_2
DP_2
USB 2.0 PHY,
Processor, or
Accessory
Processor
Charger
Detection
Battery
Charger/
PMU
GND
DM_1
DP_1
USB 2.0 PHY,
Processor, or
Accessory
Over-Voltage/Under-Voltage
Protection and Current
Limiting
DP
DM
VBUS
VBUS
DP
DM
VBUS
DP
DM
HS Switch is USB3750 feature only
USB375x
USB 2.0 Protection IC with Battery
Charger Detection


Similar Part No. - USB3750

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
USB 2.0 Protection IC with Battery Charger Detection
03/25/14
More results

Similar Description - USB3750

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8204A SII-S8204A Datasheet
650Kb / 34P
BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
BATTERY PROTECTION IC
logo
Seiko Instruments Inc
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
BATTERY PROTECTION IC
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
BATTERY PROTECTION IC
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
BATTERY PROTECTION IC
logo
Microchip Technology
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
USB 2.0 Protection IC with Battery Charger Detection
03/25/14
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
Battery Protection IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com