Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCH02 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCH02
Description  Offline PWM controller for ultra-low standby adapters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCH02 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCH02 Datasheet HTML 2Page - STMicroelectronics STCH02 Datasheet HTML 3Page - STMicroelectronics STCH02 Datasheet HTML 4Page - STMicroelectronics STCH02 Datasheet HTML 5Page - STMicroelectronics STCH02 Datasheet HTML 6Page - STMicroelectronics STCH02 Datasheet HTML 7Page - STMicroelectronics STCH02 Datasheet HTML 8Page - STMicroelectronics STCH02 Datasheet HTML 9Page - STMicroelectronics STCH02 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Device description and block diagram
STCH02
6/24
DocID028766 Rev 1
3FB
Control input for duty cycle control. A voltage set 65 mV below the threshold VFBB
activates the burst mode operation. A level close to the threshold VFBL means that we
are approaching the cycle-by-cycle overcurrent setpoint.
4ZCD
Transformer's demagnetization sensing for the quasi resonant operation and
input/output voltage monitor. A negative-going edge triggers the MOSFET's turn-on.
The current sourced by the pin during MOSFET's ON-time is monitored to get an
image of the input voltage to the converter, in order to compensate the internal delay
of the current sensing circuit and achieve a CC regulation independent of the mains
voltage. Still, the pin voltage is sampled-and-held right at the end of transformer's
demagnetization to get an accurate image of the output voltage to be used for
overvoltage protection (OVP). Please note that the maximum IZCD sunk/sourced
current has to not exceed ± 3 mA (AMR) in the entire input voltage range. No
capacitor is allowed between the pin and the auxiliary winding of the transformer.
5
SENSE
Input to the PWM comparators. The current flowing in the MOSFET is sensed
through a resistor connected between the pin and GND. The resulting voltage is
compared with an internal reference (0.75 V max.) to determine the MOSFET's turn-
off. The pin is equipped with 380 ns blanking time after the gate drive output goes
high for improved noise immunity. If a second comparison level located at 1 V is
exceeded the IC is stopped and restarted after VDD has dropped below VDDR (4.5 V
typ.).
6GND
Circuit ground reference and current return for both - the signal part of the IC and the
gate drive. All of the ground connections of the bias components should be tied to
the trace going to this pin and kept separate from any pulsed current return.
7
GD
A gate driver with a totem pole output stage for the external power MOSFET.
8VDD
Supply voltage of the device. An electrolytic capacitor, connected between this pin
and ground, is initially charged by the internal high voltage start-up generator. When
the device is running the same generator will keep it charged in case the voltage
supplied by the auxiliary winding is not sufficient. This feature is disabled in case
a protection is tripped. Sometimes a small bypass capacitor (0.1 µF typ.) connected
between the pin and GND might be useful to get a clean bias voltage for the signal
part of the IC.
Table 4. Pin functions (continued)
No.
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com