Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCH02 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STCH02
Description  Offline PWM controller for ultra-low standby adapters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCH02 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STCH02 Datasheet HTML 3Page - STMicroelectronics STCH02 Datasheet HTML 4Page - STMicroelectronics STCH02 Datasheet HTML 5Page - STMicroelectronics STCH02 Datasheet HTML 6Page - STMicroelectronics STCH02 Datasheet HTML 7Page - STMicroelectronics STCH02 Datasheet HTML 8Page - STMicroelectronics STCH02 Datasheet HTML 9Page - STMicroelectronics STCH02 Datasheet HTML 10Page - STMicroelectronics STCH02 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID028766 Rev 1
7/24
STCH02
Device description and block diagram
24
Table 5. Electrical characteristics
(Tj = - 25° to 125 °C, VDD = 14 V, unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ. Max.
Unit
High voltage start-up generator
VHV
HV voltage
IHV < 2 µA, Tj = 25 °C
650
V
ILEAKAGE HV leakage current
VHV = 400 V, Tj = 25 °C
1
µA
HVSTART HV start voltage
40
50
60
V
ICHARGE
VDD start-up charge current
VHV > HVSTART; VDD  0.6 V or
after protection tripping
0.3
0.6
0.9
mA
VHV > HVSTART;
2 < VDD < VDDOn
4.5
7
10.3
VDD-FOLD VDD foldback threshold
VHV > HVSTART
12
V
Supply voltage
VDD
Operating range
After turn-on
11.5
23
V
VDD-ON
Turn-on threshold
12
13
14
V
VDD-OFF
Restart threshold
VFB > VFBF
910
11
V
VDD-UVLO UVLO threshold
VFB > VFBF
8.55
9.5
10.45
V
VFB < (0.6 - 65 mV)
6.75
7.5
8.25
V
VDDR
VDD restart voltage (falling)
After protection tripping
4.5
V
In burst mode
3.2
VZ
VZ clamping voltage
IDD = 20 mA
23
26.5
V
Supply current
IQ
Quiescent current
Burst operation
190
230
µA
IDD
Operating supply current
Cout = 1 nF, fsw = 100 KHz
2.3
2.7
mA
IDD-FAULT Fault quiescent current
During hiccup
330
420
µA
Start-up timer and frequency limit
TSTART
Start timer period
220
µs
FLIM
Internal frequency limit
260
kHz
Zero current detector
IZCDb
Input bias current
VZCD = 0.1 to 2.7 V
1
µA
VZCDH
Upper clamp voltage
IZCD = 1 mA
3
V
VZCDL
Lower clamp voltage
IZCD = - 1 mA
-60
mV
VZCDA
Arming voltage
Positive-going edge
80
110
140
mV
VZCDT
Triggering voltage
Negative-going edge
40
60
80
mV
TBLANK
Trigger blanking time after MOSFET's
turn-on
VFB 1.65 V
3.8
µs
VFB = 0.6 V
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com