Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCH02 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STCH02
Description  Offline PWM controller for ultra-low standby adapters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCH02 Datasheet(HTML) 5 Page - STMicroelectronics

  STCH02 Datasheet HTML 1Page - STMicroelectronics STCH02 Datasheet HTML 2Page - STMicroelectronics STCH02 Datasheet HTML 3Page - STMicroelectronics STCH02 Datasheet HTML 4Page - STMicroelectronics STCH02 Datasheet HTML 5Page - STMicroelectronics STCH02 Datasheet HTML 6Page - STMicroelectronics STCH02 Datasheet HTML 7Page - STMicroelectronics STCH02 Datasheet HTML 8Page - STMicroelectronics STCH02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DocID028766 Rev 1
5/24
STCH02
Device description and block diagram
24
Figure 3. Pin connection (top view)
Table 2. Thermal data
Symbol
Parameter
Max. value
Unit
Rth j-amb
Thermal resistance, junction to ambient
150
°C
Table 3. Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VHV
1
Voltage range (referred to GND)
-0.3 to 650
V
IHV
1
Output current
Self limited
mA
3 to 6
Analog inputs and outputs
-0.3 to 3.6
V
IZCD
4
Zero current detector current
± 3
mA
IGD
7
Output totem pole peak current
Self limited
VDD
8
Supply voltage (ICC < 25 mA)
Self limited
V
IDD
8
Device supply current + internal Zener capability
25
mA
TJ
Junction temperature range
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
Table 4. Pin functions
No.
Name
Function
1HV
High voltage start-up. The pin, able to withstand 650 V, is to be tied directly to the
rectified mains voltage. When the voltage on the pin reaches the HVSTART voltage
(50 V typ.) a 7 mA internal current source charges the capacitor connected between
VDD and GND to start-up the IC. When the voltage on the VDD pin reaches the turn-
on threshold (13 V typ.) the generator is shut down and re-enabled as the VDD
voltage falls below the turn-off threshold (10 V typ.). In this way, if the auxiliary
winding is not delivering sufficient voltage or it is not used at all, the IC keeps on
running. This feature is disabled in case a protection is tripped, and the generator is
restarted after VDD has dropped below VDDR (4.5 V typ.)
2NC
Not internally connected. A provision for clearance on the PCB to meet safety
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com