Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCH02 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCH02
Description  Offline PWM controller for ultra-low standby adapters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCH02 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCH02 Datasheet HTML 4Page - STMicroelectronics STCH02 Datasheet HTML 5Page - STMicroelectronics STCH02 Datasheet HTML 6Page - STMicroelectronics STCH02 Datasheet HTML 7Page - STMicroelectronics STCH02 Datasheet HTML 8Page - STMicroelectronics STCH02 Datasheet HTML 9Page - STMicroelectronics STCH02 Datasheet HTML 10Page - STMicroelectronics STCH02 Datasheet HTML 11Page - STMicroelectronics STCH02 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Device description and block diagram
STCH02
8/24
DocID028766 Rev 1
TD-ON
Turn-on delay time after triggering
VGATE = 6 V, CGATE = 1 nF
270
ns
TFORCE
Force turn-on time after blanking
10
14
µs
Gate driver
VGDL
Output high voltage
VDD = 8.5 V; IGATE = 5 mA
7
V
IGATE = 5 mA
10.5
13
TRISE
Rising time
CGATE = 1 nF
70
110
150
ns
TFALL
Falling time
CGATE = 1 nF
20
40
60
ns
VGDL
Output low voltage
IGD-SINK = 50 mA
1
V
Line feedforward
RFF
Equivalent feedforward resistor
IZCD = 1 mA
63
70
77
Feedback input
VFBH
Upper saturation
3.45
V
HFB
Current sense gain
3.22
3.29
3.36
IFB
Feedback source current
70
100
130
µA
VFBB
Burst mode threshold
Voltage falling
0.54
0.6
0.66
V
VFBF
Exit burst mode threshold
0.64
0.72
0.8
V
VHYST
Burst mode hysteresis
50
65
75
mV
Current reference
VREFx
Maximum value
Internal, not measured
0.8
V
KI
Current loop gain
0.19
0.2
0.21
V
Overvoltage protection
VOVP
OVP threshold
2.375
2.5
2.625
V
NOVP
Consecutive cycles for OVP triggering
VOVP = 2.5 V
4
Current sense
TLEB
Leading edge blanking
VGATE = 6 V, COUT = 1 nF
270
380
490
ns
TD
Gate delay to output
VGATE = 6 V, COUT = 1 nF
150
ns
VCSx
Max. clamp value
dVCS/dt = 200 mV/µs
0.7
0.75
0.8
V
VOCP
Hiccup mode OCP level
0.95
1
1.05
V
VSENSE_BM Minimum burst mode sense voltage
72
mV
Table 5. Electrical characteristics
(Tj = - 25° to 125 °C, VDD = 14 V, unless otherwise specified) (continued)
Symbol
Parameter
Test condition
Min.
Typ. Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com