Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCH02 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STCH02
Description  Offline PWM controller for ultra-low standby adapters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCH02 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STCH02 Datasheet HTML 13Page - STMicroelectronics STCH02 Datasheet HTML 14Page - STMicroelectronics STCH02 Datasheet HTML 15Page - STMicroelectronics STCH02 Datasheet HTML 16Page - STMicroelectronics STCH02 Datasheet HTML 17Page - STMicroelectronics STCH02 Datasheet HTML 18Page - STMicroelectronics STCH02 Datasheet HTML 19Page - STMicroelectronics STCH02 Datasheet HTML 20Page - STMicroelectronics STCH02 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DocID028766 Rev 1
17/24
STCH02
Application information
24
3.8
Burst mode operation
When the voltage at the FB pin falls down 65 mV below than VFBB, the burst mode
operation starts: the MOSFET is turned OFF in order to reduce the consumption. After the
MOSFET turn OFF, the FB pin voltage, as result of the feedback reaction to the energy
delivery stop, increases up to the VFBB and the device restarts the switch again.
During these switching cycles the max. peak current is fixed (about VSENSE_BM/RSENSE) by
an internal clamp inside the current limit circuit. The effect of the burst mode operation is to
reduce the equivalent switching frequency, which can go down even to few hundred hertz,
minimizing all frequency related losses and making it easier to comply with energy saving
regulations.
This kind of operation, shown in the timing diagrams of Figure 10 along with the other ones,
is audible noise free since the peak current is low.
Figure 10. Adaptive minimum restart time: timing diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com