Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCH02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCH02
Description  Offline PWM controller for ultra-low standby adapters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCH02 Datasheet(HTML) 1 Page - STMicroelectronics

  STCH02 Datasheet HTML 1Page - STMicroelectronics STCH02 Datasheet HTML 2Page - STMicroelectronics STCH02 Datasheet HTML 3Page - STMicroelectronics STCH02 Datasheet HTML 4Page - STMicroelectronics STCH02 Datasheet HTML 5Page - STMicroelectronics STCH02 Datasheet HTML 6Page - STMicroelectronics STCH02 Datasheet HTML 7Page - STMicroelectronics STCH02 Datasheet HTML 8Page - STMicroelectronics STCH02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2015
DocID028766 Rev 1
1/24
STCH02
Offline PWM controller for ultra-low standby adapters
Datasheet
- preliminary data
Features
 Advanced power management for ultra-low
standby power consumptions (under 10 mW at
230 Vac)
 Fully integrated primary side constant current
output regulation (CC)
 650 V embedded HV start-up circuit with zero
power consumption.
 Quasi resonant (QR) zero voltage switching
(ZVS) operation
 Automatic self-supply
 Accurate and adjustable output OVP with
autorestart after fault
 Input voltage feedforward compensation for
mains-independent CC regulation
 Intelligent frequency jitter for EMI suppression
 SO-8 package
Applications
 AC-DC chargers for smartphones, tablets,
camcorders and other handheld equipment
 AC/DC adapters for STB, notebooks and
auxiliary power supplies
Description
The STCH02 is a PWM quasi resonant controller
specifically designed for ultra-low standby power
supplies.
The built-in HV startup cell with zero power
consumption, the fully integrated blocks for
primary side constant current output regulation
and the advanced power management make this
IC the best choice to build a high efficiency and
ultra-low standby consumption power supply, with
high overall and excellent dynamic performances.
Figure 1. Typical application
SO-8
Table 1. Device summary
Order code
Package
Packing
STCH02
SO-8
Tube
STCH02TR
Tube and reel
www.st.com


Similar Part No. - STCH02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCH02 STMICROELECTRONICS-STCH02 Datasheet
4Mb / 6P
15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
12-Nov-2018
More results

Similar Description - STCH02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
PWM Controller for Low Standby Power Battery-Charger Applications
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1362 ONSEMI-NCP1362 Datasheet
639Kb / 30P
Primary Side PWM Controller for Low Power Offline SMPS
July, 2020 ??Rev. 2
FAN604P ONSEMI-FAN604P Datasheet
322Kb / 20P
Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
FAN6080HMX ONSEMI-FAN6080HMX Datasheet
337Kb / 15P
Offline Quasi-Resonant PWM Controller
August, 2020 ??Rev. 0
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
NCP1362 ONSEMI-NCP1362_V01 Datasheet
646Kb / 31P
Primary Side PWM Controller for Low Power Offline SMPS
June, 2021 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com