Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCH02 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STCH02
Description  Offline PWM controller for ultra-low standby adapters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCH02 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STCH02 Datasheet HTML 9Page - STMicroelectronics STCH02 Datasheet HTML 10Page - STMicroelectronics STCH02 Datasheet HTML 11Page - STMicroelectronics STCH02 Datasheet HTML 12Page - STMicroelectronics STCH02 Datasheet HTML 13Page - STMicroelectronics STCH02 Datasheet HTML 14Page - STMicroelectronics STCH02 Datasheet HTML 15Page - STMicroelectronics STCH02 Datasheet HTML 16Page - STMicroelectronics STCH02 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DocID028766 Rev 1
13/24
STCH02
Application information
24
At converter power-down the system will the lose the regulation as soon as the input voltage
falls below HVSTART. This prevents converter's restart attempts and ensures monotonic
output voltage decay at system power-down.
Figure 6. Timing diagram: normal power-up and power-down sequences
3.4
Zero current detection and triggering block
The zero current detection (ZCD) and triggering blocks switch on the power MOSFET if
a negative-going edge falling below 50 mV is applied to the ZCD pin. To do so, the triggering
block must be previously armed by a positive-going edge exceeding 100 mV.
This feature is used to detect transformer demagnetization for the QR operation, where the
signal for the ZCD input is obtained from the transformer's auxiliary winding used also to
supply the IC.
The triggering block is blanked after the MOSFET's turn-off to prevent any negative-going
edge that follows leakage inductance demagnetization from triggering the ZCD circuit
erroneously.
This blanking time is dependent on the voltage on the FB pin: it is TBLANK = 24 µs for
VFB = 0.6 V, and decreases linearly down to TBLANK = 3.8 µs for VFB  1.65 V.
The voltage on the pin is both top and bottom limited by a double clamp. The upper clamp is
typically located at 3 V, while the lower clamp is located at -60 mV. The interface between
the pin and the auxiliary winding will be a resistor divider. Its resistance ratio as well as the
individual resistance values will be properly chosen (see Section 3.10: Overvoltage
protection on page 18 and Section 3.7: Voltage feedforward block on page 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com