Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCH02 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STCH02
Description  Offline PWM controller for ultra-low standby adapters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCH02 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STCH02 Datasheet HTML 15Page - STMicroelectronics STCH02 Datasheet HTML 16Page - STMicroelectronics STCH02 Datasheet HTML 17Page - STMicroelectronics STCH02 Datasheet HTML 18Page - STMicroelectronics STCH02 Datasheet HTML 19Page - STMicroelectronics STCH02 Datasheet HTML 20Page - STMicroelectronics STCH02 Datasheet HTML 21Page - STMicroelectronics STCH02 Datasheet HTML 22Page - STMicroelectronics STCH02 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DocID028766 Rev 1
19/24
STCH02
Application information
24
Once the protection is tripped, the condition is maintained until VDD goes below VDDR restart
voltage. While it is disabled, however, no energy is coming from the self-supply circuit; and
the voltage on the VDD capacitor will drop down to VDDR restart voltage, before the VDD
capacitor is charged again and the device restarted (VDD-ON). Ultimately, this will result into
a low frequency intermittent operation (hiccup mode operation).
Figure 11. OVP function: timing diagram
3.11
Soft-start and starter block
The soft start feature is automatically implemented by the constant current block, as the
primary peak current will be limited from the voltage on the internal CC block capacitor.
During the start-up, as the output voltage is zero, the IC will start in the CC mode with no
high peak current operations. In this way the voltage on the output capacitor will increase
slowly and the soft-start feature will be ensured.
3.12
Hiccup mode OCP
The device is also protected against the short-circuit of the secondary rectifier, short-circuit
on the secondary winding or a hard-saturated flyback transformer. A comparator monitors
continuously the voltage on the RSENSE and activates protection circuitry if this voltage
exceeds the VOCP value (1 V typ. value).
To distinguish an actual malfunction from a disturbance (e.g.: induced during ESD tests), the
first time the comparator is tripped the protection circuit enters a “warning state”. If in the
subsequent switching cycle the comparator is not tripped, a temporary disturbance is
assumed and the protection logic will be reset in its idle state; if the comparator will be
tripped again a real malfunction is assumed and the device will be stopped.
Once the protection is tripped, the condition is maintained until VDD goes below VDDR restart
voltage. While it is disabled, however, no energy is coming from the self-supply circuit;
hence the voltage on the VDD capacitor will decay and cross the UVLO threshold after some



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com