Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 32 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 28Page - Texas Instruments DP83867CS Datasheet HTML 29Page - Texas Instruments DP83867CS Datasheet HTML 30Page - Texas Instruments DP83867CS Datasheet HTML 31Page - Texas Instruments DP83867CS Datasheet HTML 32Page - Texas Instruments DP83867CS Datasheet HTML 33Page - Texas Instruments DP83867CS Datasheet HTML 34Page - Texas Instruments DP83867CS Datasheet HTML 35Page - Texas Instruments DP83867CS Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
SNLS504 – OCTOBER 2015
www.ti.com
9.4.5 BIST Configuration
The device incorporates an internal PRBS Built-in Self Test (BIST) circuit to accommodate in-circuit testing or
diagnostics. The BIST circuit can be used to test the integrity of the transmit and receive data paths. The BIST
can be performed using both internal loopback (digital or analog) or external loopback using a cable fixture. The
BIST simulates pseudo-random data transfer scenarios in format of real packets and Inter-Packet Gap (IPG) on
the lines. The BIST allows full control of the packet lengths and of the IPG.
The BIST is implemented with independent transmit and receive paths, with the transmit block generating a
continuous stream of a pseudo-random sequence. The device generates a 15-bit pseudo-random sequence for
the BIST. The received data is compared to the generated pseudo-random data by the BIST Linear Feedback
Shift Register (LFSR) to determine the BIST pass/fail status. The number of error bytes that the PRBS checker
received is stored in the BICSR2 register (0x0072). The status of whether the PRBS checker is locked to the
incoming receive bit stream, whether the PRBS has lost sync, and whether the packet generator is busy, can be
read from the STS2 register (0x0017h). While the lock and sync indications are required to identify the beginning
of proper data reception, for any link failures or data corruption, the best indication is the contents of the error
counter in the BICSR2 register (0x0072). The number of received bytes are stored in BICSR1 (0x0071).
The PRBS test can be put in a continuous mode by using bit 14 of the BISCR register (0x0016h). In continuous
mode, when one of the PRBS counters reaches the maximum value, the counter starts counting from zero again.
Packet transmission can be configured for one of two types, 64 and 1518 bytes, through register bit 13 of the
BISCR register (0x0016).
9.4.6 Cable Diagnostics
With the vast deployment of Ethernet devices, the need for reliable, comprehensive and user-friendly cable
diagnostic tool is more important than ever. The wide variety of cables, topologies, and connectors deployed
results in the need to non-intrusively identify and report cable faults. The TI cable-diagnostic unit provides
extensive information about cable integrity. The DP83867 offers the following capabilities in its Cable Diagnostic
tools kit:
1. Time Domain Reflectometry (TDR)
2. Active Link Cable Diagnostic (ALCD)
9.4.6.1 TDR
The DP83867 uses Time Domain Reflectometry (TDR) to determine the quality of the cables, connectors, and
terminations in addition to estimating the cable length. Some of the possible problems that can be diagnosed
include opens, shorts, cable impedance mismatch, bad connectors, termination mismatches, cross faults, cross
shorts and any other discontinuities along the cable.
The DP83867 transmits a test pulse of known amplitude (1 V or 2.5 V) down each of the two pairs of an attached
cable. The transmitted signal continues down the cable and reflects from each cable imperfection, fault, bad
connector, and from the end of the cable itself. After the pulse transmission, the DP83867 measures the return
time and amplitude of all these reflected pulses. This technique enables measuring the distance and magnitude
(impedance) of non-terminated cables (open or short), discontinuities (bad connectors), improperly-terminated
cables, and crossed pairs wires with ±1m accuracy.
The DP83867 also uses data averaging to reduce noise and improve accuracy. The DP83867 can record up to
five reflections within the tested pair. If more than 5 reflections are recorded, the DP83867 saves the first 5 of
them. If a cross fault is detected, the TDR saves the first location of the cross fault and up to 4 reflections in the
tested channel. The DP83867 TDR can measure cables beyond 100m in length.
For all TDR measurements, the transformation between time of arrival and physical distance is done by the
external host using minor computations (such as multiplication, addition and lookup tables). The host must know
the expected propagation delay of the cable, which depends, among other things, on the cable category (for
example, CAT5, CAT5e, or CAT6).
32
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com