Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 35 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 31Page - Texas Instruments DP83867CS Datasheet HTML 32Page - Texas Instruments DP83867CS Datasheet HTML 33Page - Texas Instruments DP83867CS Datasheet HTML 34Page - Texas Instruments DP83867CS Datasheet HTML 35Page - Texas Instruments DP83867CS Datasheet HTML 36Page - Texas Instruments DP83867CS Datasheet HTML 37Page - Texas Instruments DP83867CS Datasheet HTML 38Page - Texas Instruments DP83867CS Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
9.4.6.7 Mirror Mode
In some multiport applications, RJ-45 ports may be mirrored relative to one another. This mirroring can require
crossing board traces. The DP83867 can resolve this issue by implementing mirroring of the ports inside the
device.
In 10/100 operation, the mapping of the port mirroring is:
MDI MODE
MIRROR PORT CONFIGURATION
MDI
A
→ D
B
→ C
MDIX
A
→ D
B
→ C
In Gigabit operation, the mapping of the port mirroring is:
MDI MODE
MIRROR PORT CONFIGURATION
MDI or MDIX
A
→ D
B
→ C
C
→ B
D
→ A
Mirror mode can be enabled via strap or via register configuration using the Port Mirror Enable bit in the CFG4
register (address 0x0031).
9.4.6.8 Interrupt
The DP83867 can be configured to generate an interrupt when changes of internal status occur. The interrupt
allows a MAC to act upon the status in the PHY without polling the PHY registers. The interrupt source can be
selected through the interrrupt registers, MICR (register address 0x0012) and ISR (register address 0x0013).
9.4.6.9 IEEE 802.3 Test Modes
IEEE 802.3 specification for 1000BASE-T requires that the PHY layer be able to generate certain well defined
test patterns on TX outputs. Clause 40 section 40.6.1.1.2 “Test Modes” describes these tests in detail. There are
four test modes as well as the normal operation mode. These modes can be selected by writing to the CFG1
register (address 0x0009).
See IEEE 802.3 section 40.6.1.1.2 “Test modes” for more information on the nature of the test modes. The
DP83867 provides a test clock synchronous to the IEEE test patterns. The test patterns are output on the MDI
pins of the device and the transmit clock is output on the CLK_OUT pin.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com