Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 74 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 70Page - Texas Instruments DP83867CS Datasheet HTML 71Page - Texas Instruments DP83867CS Datasheet HTML 72Page - Texas Instruments DP83867CS Datasheet HTML 73Page - Texas Instruments DP83867CS Datasheet HTML 74Page - Texas Instruments DP83867CS Datasheet HTML 75Page - Texas Instruments DP83867CS Datasheet HTML 76Page - Texas Instruments DP83867CS Datasheet HTML 77Page - Texas Instruments DP83867CS Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
SNLS504 – OCTOBER 2015
www.ti.com
9.6.24 LED Configuration Register (LEDCR3)
This register controls the LED blink rate and stretching.
Table 35. LED Configuration Register 3 (LEDCR3), Address 0x001A
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:3
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
2
LEDS_BYPASS_STRETCHING
0, RW
Bypass LED Stretching:
1 = Bypass LED Stretching
0 = Normal operation
1:0
LEDS_BLINK_RATE
10, RW
LED Blink Rate:
11: 2Hz (500mSec)
10: 5Hz (200mSec)
01: 10Hz (100mSec)
00 = 20Hz (50mSec)
9.6.25 Configuration Register 3 (CFG3)
Table 36. Configuration Register 3 (CFG3), Address 0x001E
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
Fast Link-Up in Parallel Detect
0, RW
Fast Link-Up in Parallel Detect Mode:
1 = Enable Fast Link-Up time During Parallel Detection
0 = Normal Parallel Detection link establishment
In Fast Auto MDI-X this bit is automatically set.
14
Fast AN Enable
0, RW
Fast Auto-Negotiation Enable:
1 = Enable Fast Auto-Negotiation mode – The PHY auto-
negotiates using Timer setting according to Fast AN Sel bits
0 = Disable Fast Auto-Negotiation mode – The PHY auto-
negotiates using normal Timer setting
Adjusting these bits reduces the time it takes to Auto-negotiate
between two PHYs. Note: When using this option care must be
taken to maintain proper operation of the system. While shortening
these timer intervals may not cause problems in normal operation,
there are certain situations where this may lead to problems.
13:12
Fast AN Sel
0, RW
Fast Auto-Negotiation Select bits:
Fast AN
Break
Link Fall
Auto-Neg
Select
Link
Inhibit
Wait
Timer(ms)
Timer(ms)
Timer(ms)
<00>
80
50
35
<01>
120
75
50
<10>
240
150
100
<11>
NA
NA
NA
Adjusting these bits reduces the time it takes to Auto-negotiate
between two PHYs. In Fast AN mode, both PHYs should be
configured to the same configuration. These 2 bits define the
duration for each state of the Auto Negotiation process according
to the table above. The new duration time must be enabled by
setting “Fast AN En” - bit 4 of this register. Note: Using this mode
in cases where both link partners are not configured to the same
Fast Auto-negotiation configuration might produce scenarios with
unexpected behavior.
74
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com