Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 73 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 69Page - Texas Instruments DP83867CS Datasheet HTML 70Page - Texas Instruments DP83867CS Datasheet HTML 71Page - Texas Instruments DP83867CS Datasheet HTML 72Page - Texas Instruments DP83867CS Datasheet HTML 73Page - Texas Instruments DP83867CS Datasheet HTML 74Page - Texas Instruments DP83867CS Datasheet HTML 75Page - Texas Instruments DP83867CS Datasheet HTML 76Page - Texas Instruments DP83867CS Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
9.6.23 LED Configuration Register 2 (LEDCR2)
This register provides the ability to directly control any or all LED outputs.
Table 34. LED Configuration Register 2 (LEDCR2), Address 0x0019
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
14
LED_GPIO_POLARITY
1, RW
GPIO LED Polarity:
1 = Active high
0 = Active low
13
LED_GPIO_DRV_VAL
0, RW
GPIO LED Drive Value:
Value to force on GPIO LED
This bit is only valid if enabled via LED_GPIO_DRV_EN.
12
LED_GPIO_DRV_EN
0, RW
GPIO LED Drive Enable:
1 = Force the value of the LED_GPIO_DRV_VAL bit onto the GPIO
LED.
0 = Normal operation
11
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
10
LED_2_POLARITY
1, RW
LED_2 Polarity:
1 = Active high
0 = Active low
9
LED_2_DRV_VAL
0, RW
LED_2 Drive Value:
Value to force on LED_2
This bit is only valid if enabled via LED_2_DRV_EN.
8
LED_2_DRV_EN
0, RW
LED_2 Drive Enable:
1 = Force the value of the LED_2_DRV_VAL bit onto LED_2.
0 = Normal operation
7
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
6
LED_1_POLARITY
1, RW
LED_1 Polarity:
1 = Active high
0 = Active low
5
LED_1_DRV_VAL
0, RW
LED_1 Drive Value:
Value to force on LED_1
This bit is only valid if enabled via LED_1_DRV_EN.
4
LED_1_DRV_EN
0, RW
LED_1 Drive Enable:
1 = Force the value of the LED_1_DRV_VAL bit onto LED_1.
0 = Normal operation
3
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
2
LED_0_POLARITY
1, RW
LED_0 Polarity:
1 = Active high
0 = Active low
1
LED_0_DRV_VAL
0, RW
LED_0 Drive Value:
Value to force on LED_0
This bit is only valid if enabled via LED_0_DRV_EN.
0
LED_0_DRV_EN
0, RW
LED_0 Drive Enable:
1 = Force the value of the LED_0_DRV_VAL bit onto LED_0.
0 = Normal operation
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com