Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 57 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 53Page - Texas Instruments DP83867CS Datasheet HTML 54Page - Texas Instruments DP83867CS Datasheet HTML 55Page - Texas Instruments DP83867CS Datasheet HTML 56Page - Texas Instruments DP83867CS Datasheet HTML 57Page - Texas Instruments DP83867CS Datasheet HTML 58Page - Texas Instruments DP83867CS Datasheet HTML 59Page - Texas Instruments DP83867CS Datasheet HTML 60Page - Texas Instruments DP83867CS Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
9.6.11 Status Register 1 (STS1)
Table 21. Status Register 1 (STS1) Address 0x000A
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
MASTER / SLAVE
0, RO, LH, COR Master / Slave Manual Configuration Fault Detected:
CONFIGURATION FAULT
1 = Manual Master/Slave Configuration fault detected.
0 = No Manual Master/Slave Configuration fault detected.
14
MASTER / SLAVE
0, RO
Master / Slave Configuration Results:
CONFIGURATION
1 = Configuration resolved to MASTER.
RESOLUTION
0 = Configuration resolved to SLAVE.
13
LOCAL RECEIVER STATUS
0, RO
Local Receiver Status:
1 = Local receiveris OK.
0 = Local receiveris not OK.
12
REMOTE RECEIVER STATUS
0, RO
Remote Receiver Status:
1 = Remote receiver is OK.
0 = Remote receiver is not OK.
11
100BASE-T FULL DUPLEX
0, RO
Link Partner 1000BASE-T Full Duplex Capable:
1 = Link Partner capable of 1000Base-T Full Duplex.
0 = Link partner not capable of 1000Base-T Full Duplex.
10
1000BASE-T HALF DUPLEX
0, RO
Link Partner 1000BASE-T Half Duplex Capable:
1 = Link Partner capable of 1000Base-T Half Duplex.
0 = Link partner not capable of 1000Base-T Half Duplex.
9:8
RESERVED
00, RO
RESERVED by IEEE: Writes ignored, read as 0.
7:0
IDLE ERROR COUNTER
0000 0000, RO,
1000BASE-T Idle Error Counter
COR
9.6.12 Extended Register Addressing
REGCR (0x000D) and ADDAR (0x000E) allow read/write access to the extended register set (addresses above
0x001F) using indirect addressing.
•
REGCR [15:14] = 00: A write to ADDAR modifies the extended register set address register. This address
register must be initialized in order to access any of the registers within the extended register set.
•
•REGCR [15:14] = 01: A read/write to ADDAR operates on the register within the extended register set
selected (pointed to) by the value in the address register. The address register contents (pointer) remain
unchanged.
•
REGCR [15:14] = 10: A read/write to ADDAR operates on the register within the extended register set
selected (pointed to) by the value in the address register. After that access is complete, for both reads and
writes, the value in the address register is incremented.
•
REGCR [15:14] = 11: A read/write to ADDAR operates on the register within the extended register set
selected (pointed to) by the value in the address register. After that access is complete, for write accesses
only, the value in the address register is incremented. For read accesses, the value of the address register
remains unchanged.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com