Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 14 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 10Page - Texas Instruments DP83867CS Datasheet HTML 11Page - Texas Instruments DP83867CS Datasheet HTML 12Page - Texas Instruments DP83867CS Datasheet HTML 13Page - Texas Instruments DP83867CS Datasheet HTML 14Page - Texas Instruments DP83867CS Datasheet HTML 15Page - Texas Instruments DP83867CS Datasheet HTML 16Page - Texas Instruments DP83867CS Datasheet HTML 17Page - Texas Instruments DP83867CS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 114 page
background image
GTX
(at Transmitter)
TXD [8:5][3:0]
TXD [7:4][3:0]
TX_CTL
TskewT
TskewR
GTX
(at Receiver)
TXD [3:0]
TXD [8:5]
TXD [7:4]
TXD [4]
TXEN
TXD [9]
TXERR
DP83867CS, DP83867IS, DP83867E
SNLS504 – OCTOBER 2015
www.ti.com
8.10 RGMII Timing
(1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
TskewT
Data to Clock output Skew
See (2)
-500
0
500
ps
(at Transmitter)
TskewR
Data to Clock input Skew
See (2)
1
1.8
2.6
ns
(at Receiver)
TsetupT
Data to Clock output Setup
See (3)
1.2
2
ns
(at Transmitter – internal
delay)
TholdT
Clock to Data output Hold
See (3)
1.2
2
ns
(at Transmitter – internal
delay)
TsetupR
Data to Clock input Setup
See (3)
1
2
ns
(at Reciever – internal delay)
TholdR
Data to Clock input Setup
See (3)
1
2
ns
(at Receiver – internal delay)
Tcyc
Clock Cycle Duration(4)
See (4)
7.2
8
8.8
ns
Duty_G
Duty Cycle for Gigabit(5)
See (5)
45
50
55
%
Duty_T
Duty Cycle for 10/100T(5)
See (5)
40
50
60
%
TR
Rise Time (20% to 80%)
0.75
ns
TF
Fall Time (20% to 80%)
0.75
ns
TTXLAT
RGMII to MDI Latency
See (6)
88
ns
TRXLAT
MDI to RGMII Latency
See (6)
288
ns
(1)
Ensured by production test, characterization, or design.
(2)
When operating without RGMII internal delay, the PC board design requires clocks to be routed such that an additional trace delay of
greater than 1.5ns is added to the associated clock signal.
(3)
Device may operate with or without internal delay.
(4)
For 10Mbps and 100Mbps, Tcyc will scale to 400ns +/- 40ns and 40ns +/- 4ns.
(5)
Duty cycle may be stretched or shrunk during speed changes or while transitioning to a received packet’s clock domain as long as
minimum duty cycle is not violated and stretching occurs for no more that three Tcyc of the lowest speed transitioned between.
(6)
Operating in 1000Base-T .
Figure 5. RGMII Transmit Multiplexing and Timing Diagram
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com