Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 33 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 29Page - Texas Instruments DP83867CS Datasheet HTML 30Page - Texas Instruments DP83867CS Datasheet HTML 31Page - Texas Instruments DP83867CS Datasheet HTML 32Page - Texas Instruments DP83867CS Datasheet HTML 33Page - Texas Instruments DP83867CS Datasheet HTML 34Page - Texas Instruments DP83867CS Datasheet HTML 35Page - Texas Instruments DP83867CS Datasheet HTML 36Page - Texas Instruments DP83867CS Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 114 page
background image
Valid Data
LOW Quality Data / Link Loss
T1
First Link Failure
Occurrence
Link Drop
Signal
Link Loss
Indication
(Link LED)
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
TDR measurement is allowed in the DP83867 in the following scenarios:
•
While Link partner is disconnected – cable is unplugged at the other side
•
Link partner is connected but remains “quiet” (for example, in power down mode)
•
TDR could be automatically activated when the link fails or is dropped by setting bit 7 of register 0x0009
(CFG1). The results of the TDR run after the link fails will be saved in the TDR registers.
Software could read these registers at any time to apply post processing on the TDR results. This mode is
designed for cases in which the link dropped due to cable disconnections, in which case, after link failure, the line
will be quiet to allow a proper function of the TDR.
9.4.6.2 ALCD
The DP83867 also supports Active Link Cable Diagnostic (ALCD). The ALCD offers a passive method to
estimate the cable length during active link. The ALCD uses passive digital signal processing based on adapted
data, thus enabling measurement of cable length with an active link partner. The ALCD Cable length
measurement accuracy is ±5m for the pair used in the Rx path (due to the passive nature of the test, only the
receive path is measured).
9.4.6.3 Energy Detect
The energy-detector module provides signal-strength indication in various scenarios. Because it is based on an
IIR filter, this robust energy detector has excellent reaction time and reliability. The filter output is compared to
predefined thresholds in order to decide the presence or absence of an incoming signal. The energy detector
also implements hysteresis to avoid jittering in signal-detect indication. In addition it has fully-programmable
thresholds and listening-time periods, enabling shortening of the reaction time if required.
9.4.6.4 Fast Link Drop
The DP83867 includes advanced link-down capabilities that support various real-time applications. The link down
mechanism is configurable and includes enhanced modes that allow extremely fast reaction times to link-drops.
Figure 16. Fast Link Drop Mechanism
As described in Figure 16, the link loss mechanism is based on a time window search period, in which the signal
behavior is monitored. The T1 window is set by default to reduce typical link-drops to less than 1ms in 100M and
0.5ms in 1000M mode.
The DP83867 supports enhanced modes that shorten the window called Fast Link Down mode. In this mode the
T1 window is shortened significantly, in most cases less than 10
μs. In this period of time there are several
criteria allowed to generate link loss event and drop the link:
1. Loss of descrambler sync
2. Receive errors
3. MLT3 errors
4. Mean Squared Error (MSE)
5. Energy loss
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com