Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CS Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 8 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 4Page - Texas Instruments DP83867CS Datasheet HTML 5Page - Texas Instruments DP83867CS Datasheet HTML 6Page - Texas Instruments DP83867CS Datasheet HTML 7Page - Texas Instruments DP83867CS Datasheet HTML 8Page - Texas Instruments DP83867CS Datasheet HTML 9Page - Texas Instruments DP83867CS Datasheet HTML 10Page - Texas Instruments DP83867CS Datasheet HTML 11Page - Texas Instruments DP83867CS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
SNLS504 – OCTOBER 2015
www.ti.com
8.4 Thermal Information
RGZ
THERMAL METRIC(1)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
30.8
RθJC(top)
Junction-to-case (top) thermal resistance
18.7
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.4
°C/W
RθJB
Junction-to-board thermal resistance
7.5
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
7.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8.5 Electrical Characteristics
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
Specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life
of the product containing it.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3 V VDDIO
VOH
High Level Output Voltage
IOH = -4 mA
2
V
VOL
Low Level Output Voltage
IOL = 4 mA
0.6
V
VIH
High Level Input Voltage
1.7
V
VIL
Low Level Input Voltage
0.7
V
2.5 VVDDIO
VOH
High Level Output Voltage
IOH = -4 mA
VDDIO * 0.8
V
VOL
Low Level Output Voltage
IOL = 4 mA
0.6
V
VIH
High Level Input Voltage
1.7
V
VIL
Low Level Input Voltage
0.7
V
1.8 V VDDIO
VOH
High Level Output Voltage
IOH = -1 mA
VDDIO – 0.2
V
VOL
Low Level Output Voltage
IOL = 1 mA
0.2
V
VIH
High Level Input Voltage
0.7 * VDDIO
V
VIL
Low Level Input Voltage
0.2 * VDDIO
V
DC CHARACTERISTICS
IIH
Input High Current
VIN = VDD -40°C to +85°C
-10
10
µA
VIN = VDD 85°C to +105°C
-20
20
µA
IIL
Input Low Current
VIN = GND -40°C to +85°C
-10
10
µA
VIN = GND 85°C to +105°C
-20
20
µA
IOZ
TRI-STATE Output Current
VOUT = VDD, VOUT = GND
-10
10
µA
-40°C to +85°C
VOUT = VDD, VOUT = GND
-20
20
µA
85°C to +105°C
CIN
Input Capacitance See (1)
5
pF
PMD OUTPUTS
VOD-10
MDI
ERGZ/ISRGZ
1.54
1.75
1.96
V Peak
Differential
CSRGZ
1.75
VOD-100
MDI
ERGZ/ISRGZ
0.95
1
1.05
V Peak
Differential
CSRGZ
1
VOD-1000
MDI
ERGZ/ISRGZ
0.67
0.745
0.82
V peak
Differential
CSRGZ
0.745
POWER CONSUMPTION
(1)
Ensured by production test, characterization, or design.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com