Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5963
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 2Page - STMicroelectronics L5963 Datasheet HTML 3Page - STMicroelectronics L5963 Datasheet HTML 4Page - STMicroelectronics L5963 Datasheet HTML 5Page - STMicroelectronics L5963 Datasheet HTML 6Page - STMicroelectronics L5963 Datasheet HTML 7Page - STMicroelectronics L5963 Datasheet HTML 8Page - STMicroelectronics L5963 Datasheet HTML 9Page - STMicroelectronics L5963 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Overview
L5963
6/45
DocID028553 Rev 1
1
Overview
The L5963 integrates two switching mode synchronous step down converters, a linearly
regulated power supply, a protected high side driver and voltage detectors. To guarantee a
robust operation, all the outputs have independent thermal protection and current limitation.
The two switching mode synchronous step-down converters employ voltage mode control
and feed forward functions to provide good load regulation and line regulation. Each
converter has its own enable. The users can adjust the output voltage of the two converters
by an external resistor divider. If the converters need to work with a frequency different from
the free running frequency, in order to consider EMC performance in system level, they can
be synchronized to an external clock by applying it on the SYNCIN pin. The frequency
should be higher than half of the free running frequency. If there are more than one L5963 in
the system they can work in Master-Slave configuration, to make sure all the L5963 have
the same operating frequency of the Master device. This Master-Slave function is
implemented by a dedicated pin SYNCOUT which always gives the operating frequency of
DC/DC1 (for details, see the next chapter)
A dedicated voltage detector is integrated in the first switching converter to monitor DC/DC1
output. When the output voltage of DC/DC1 goes above the threshold, SW1OK is released
and goes back to high with configurable delay set by a capacitor on the SW1OKDLY pin.
The linear regulator can work as standby regulator with low Iq or as a non-standby regulator.
Connecting its enable ENLDO to its supply VINLDO the regulator works as a standby
regulator, while connecting ENLDO to signal lower than 5 V the regulator works as non-
standby regulator, with higher load capability but also higher quiescent current.
In standby state, i.e. only the linear regulator is powered and works as a standby regulator,
with a load below 100 μA the device has a quiescent current of just 25 μA.
The small drop-out voltage of the linear regulator allows its use with low operating supply
voltage.
In many cases, the linear regulator has to provide voltages to devices which need the reset
function, like a MCU: this is provided by the LDOOK output, that is pulled low when
VOUTLDO goes below a threshold. Once VOUTLDO returns above that threshold, with a
specified hysteresis, LDOOK goes back to high with a configurable delay set by a capacitor
on pin LDOOKDLY.
The high side driver is enabled by a dedicated pin and has a very low drop-out voltage.
Protection circuits, like independent thermal protection, OCP, OVP and some special
protections (loss of GND, SPU, short to supply and so on), are implemented to make it very
robust (see next chapter for details).
L5963 also embeds a voltage monitor (VDOUT), adjustable by means of an external resistor
divider, that can be used to sense the battery or other voltages in the system. Sensing
voltage is fed to pin VDIN. For instance, VDOUT might be used to monitor the output of
DC/DC2, realizing in this way the Power Good function for that block. VDOUT is pulled low
when voltage on VDIN goes below the specified threshold. Once VDIN returns above that
threshold, with a specified hysteresis, VDOUT goes back to high with a configurable delay
set by a capacitor on pin LDOOKDLY
Two different packages are available. The PowerSSO-36 slug-down allows to dissipate the
heat on the board and reduce the application size. The slug has to be connected to the
ground plane. This is the package suggested for standard applications. When this is not
enough, because the L5963 is used as pre-regulator for high consuming applications and
both the 2 DC-DC are working at high currents, the PSSO36 slug-up allows the use of a
heat-sink to make easier power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com