Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L5963
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 24Page - STMicroelectronics L5963 Datasheet HTML 25Page - STMicroelectronics L5963 Datasheet HTML 26Page - STMicroelectronics L5963 Datasheet HTML 27Page - STMicroelectronics L5963 Datasheet HTML 28Page - STMicroelectronics L5963 Datasheet HTML 29Page - STMicroelectronics L5963 Datasheet HTML 30Page - STMicroelectronics L5963 Datasheet HTML 31Page - STMicroelectronics L5963 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Application information
L5963
28/45
DocID028553 Rev 1
7.2
Output capacitors (COUT)
Output capacitors are selected to support load transients and output ripple current, as well
as to get loop stability.
The amount of voltage ripple can be calculated by the output ripple current flowing in the
Inductor:
Equation 4
Usually the first term is dominant. However, if a ceramic capacitor (which is recommended)
is adopted, the first term on the above equation can be neglected as the ESR value is very
low.
For example, in case Vout = 3.3 V, Vin = 14 V, fSW = 250 kHz, IL = 0.3 x 3 A = 0.9 A, in order
to have a
Vout = 5%* Vout =0.165 V, a 4.7 μF ceramic capacitor is needed. In case of not
negligible ESR (electrolytic or tantalum capacitors), the capacitor is chosen taking into
account its ESR value.
In the above example, if a 100 μF with ESR = 100 mΩ electrolytic capacitor is chosen, the
voltage drop on ESR dominates and the voltage ripple is 90 mV.
The output capacitor is also important to sustain the output voltage during a load transient.
In general, minimizing the ESR value and increasing the output capacitance results in a
better transient response. The ESR can be minimized by simply adding more capacitors in
parallel, or by using higher quality capacitors. If ceramic capacitors are chosen, in presence
of a fast load transient the output voltage will change by the amount.
Equation 5
Where:
Iout(max), Iout(min) refer to the worst case load in the system and Vout is the tolerance of the
regulated output voltage, 5% of Vout.
For example, Vout = 5 V, Vin = 14 V, Iout(max) =1.5 A, Iout(min) = 0.5 A, L = 22 μH
Equation 6
So two 10 μF ceramic capacitors in parallel are needed.
The output capacitor is also important for loop stability: it fixes the double LC filter pole and
the zero due to its ESR. In Section 7.5: Compensation network, it will be illustrated how to
consider its effect in the system stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com