Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5963
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 1 Page - STMicroelectronics

  L5963 Datasheet HTML 1Page - STMicroelectronics L5963 Datasheet HTML 2Page - STMicroelectronics L5963 Datasheet HTML 3Page - STMicroelectronics L5963 Datasheet HTML 4Page - STMicroelectronics L5963 Datasheet HTML 5Page - STMicroelectronics L5963 Datasheet HTML 6Page - STMicroelectronics L5963 Datasheet HTML 7Page - STMicroelectronics L5963 Datasheet HTML 8Page - STMicroelectronics L5963 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
This is information on a product in full production.
October 2015
DocID028553 Rev 1
1/45
L5963
Dual monolithic switching regulator with LDO and HSD
Datasheet
- production data
Features
 Two step-down synchronous switching voltage
regulators with internal power switches:
– Wide input voltage range (from 3.5 V to 26 V)
– Internal high-side/ low-side NDMOS
– 1 V minimum output
– 3.0 A load current
– 250 kHz free-run frequency
– 250 kHz < f < 2 MHz synchronization range
– Integrated soft-start
– Independent hardware enable pins
– Independent power supply
– 180° PWM output phase shift
– Programmable switching frequency divider
by 1, 2, 4 or 8 between the two DC/DC
regulators
– Power good function
 One standby / linear regulator
– Output voltage programmable with external
resistor divider
– 250 mA maximum current capability
– Backup function
– Power good function
 One high side driver
– 0.5 V max drop @ 0.5 A
– Protected against short to ground and
battery, loss of ground and battery,
unsupplied short to battery
 Programmable under voltage battery detector
– Under voltage threshold adjustable through
dedicated pin (VDIN)
 Load dump protection
 Independent thermal protection on all
regulators
 Independent current limit on all regulators
 Extremely low quiescent current in standby
conditions
 Power good / adjustable voltage detector
outputs to realize customized power up/down
sequences
Description
L5963 is a dual step-down switching regulator
with internal power switches, high side driver and
a low drop-out linear regulator that can operate as
standby regulator or normal LDO.
All the regulators can be connected directly to the
vehicle battery. In addition to an adjustable
voltage detector, voltage supervisors are
available.
The two DC-DC converters can work in free-run
condition or synchronize themselves to an
external clock. DC/DCs' PWM outputs have a
180° phase shift.
The high operating frequency allowed by the
synchronization input helps to reduce AM and FM
interferences and grants the use of small and low
cost inductors and capacitors.
This IC finds application in the automotive
segment, where load dump protection and wide
input voltage range are mandatory.
A slug-up package option is available for
applications which require heatsink use.
In standby condition the device guarantees
extremely low quiescent current (25 μA typical @
-40 °C < T < 85 °C)
PowerSSO-36
(exposed pad)
PowerSSO-36
(slug-up)
Table 1. Device summary
Order code
Package
Packing
L5963D-EHX
PowerSSO36
(exposed pad)
Tube
L5963D-EHT
Tape & Reel
L5963U-KBX
PowerSSO36
(slug-up)
Tube
L5963U-KBT
Tape & Reel
www.st.com


Similar Part No. - L5963

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5963 STMICROELECTRONICS-L5963 Datasheet
945Kb / 49P
Automotive dual monolithic switching regulator with LDO and HSD
16-Jun-2017
L5963DN-EHT STMICROELECTRONICS-L5963DN-EHT Datasheet
945Kb / 49P
Automotive dual monolithic switching regulator with LDO and HSD
16-Jun-2017
L5963DN-EHT STMICROELECTRONICS-L5963DN-EHT Datasheet
1Mb / 16P
10BASE-T1S MAC-PHY evaluation board
16-Dec-2024
L5963DN-EHX STMICROELECTRONICS-L5963DN-EHX Datasheet
945Kb / 49P
Automotive dual monolithic switching regulator with LDO and HSD
16-Jun-2017
L5963Q-V0T STMICROELECTRONICS-L5963Q-V0T Datasheet
945Kb / 49P
Automotive dual monolithic switching regulator with LDO and HSD
16-Jun-2017
More results

Similar Description - L5963

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3507 LINER-LT3507 Datasheet
341Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
LT3694 LINER-LT3694 Datasheet
282Kb / 28P
36V, 2.6A Monolithic Buck Regulator With Dual LDO
logo
Linear Dimensions Semic...
LT3507EUHFTRPBF LINEAR_DIMENSIONS-LT3507EUHFTRPBF Datasheet
307Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Linear Integrated Syste...
LT3507EUHF LINEAR-LT3507EUHF Datasheet
280Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Linear Technology
LT3507A LINER-LT3507A_15 Datasheet
381Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
LT3694 LINER-LT3694_15 Datasheet
343Kb / 28P
36V, 2.6A Monolithic Buck Regulator With Dual LDO
LT3694-1 LINER-LT3694-1_15 Datasheet
343Kb / 28P
36V, 2.6A Monolithic Buck Regulator With Dual LDO
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
Triple Monolithic Step-Down Regulator with LDO
logo
STMicroelectronics
L5964 STMICROELECTRONICS-L5964 Datasheet
369Kb / 16P
Automotive monolithic dual step-down switching regulator with LDO
24-Feb-2022
logo
Silicon Mitus, Inc.
SM41NC SILICONMITUS-SM41NC Datasheet
334Kb / 1P
LDO Regulator and Internal-Switch Buck Regulator with Adjustable Switching Frequency
Februay 2018 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com