Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L5963
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 15Page - STMicroelectronics L5963 Datasheet HTML 16Page - STMicroelectronics L5963 Datasheet HTML 17Page - STMicroelectronics L5963 Datasheet HTML 18Page - STMicroelectronics L5963 Datasheet HTML 19Page - STMicroelectronics L5963 Datasheet HTML 20Page - STMicroelectronics L5963 Datasheet HTML 21Page - STMicroelectronics L5963 Datasheet HTML 22Page - STMicroelectronics L5963 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
DocID028553 Rev 1
19/45
L5963
Functional Description
44
6.2.6
Power ground (PGND1 and PGND2)
PGND1 pin and PGND2 pin are power ground references for the DC/DC1 and DC/DC2
respectively. All switching nodes are referred to these two pins.
6.2.7
Signal ground (SGND)
This pin is the ground reference for standby regulator, HSD and internal bias.
6.2.8
PWM signal ground (SWGND)
This pin is the ground reference for signal part of DC/DC1 and DC/DC2.
6.2.9
TAB
TAB is connected to the device substrate.
This pin must be connected to GND to guarantee the substrate is always at the lowest
potential to avoid parasitic activation.
6.2.10
Linear regulator
Figure 9. Linear regulator diagram
The linear regulator has two operative modes: standby mode and non-standby mode. Its
output voltage is set by an external resistor divider through the feedback pin FBLDO.
As a standby regulator, the current capability is reduced to 50 mA and the quiescent current
minimized.
In this case, the external resistor divider should be in the Mega ohm order to reduce total
quiescent current.
As a non standby regulator, it has higher load capability (up to 250 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com