Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L5963
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 18Page - STMicroelectronics L5963 Datasheet HTML 19Page - STMicroelectronics L5963 Datasheet HTML 20Page - STMicroelectronics L5963 Datasheet HTML 21Page - STMicroelectronics L5963 Datasheet HTML 22Page - STMicroelectronics L5963 Datasheet HTML 23Page - STMicroelectronics L5963 Datasheet HTML 24Page - STMicroelectronics L5963 Datasheet HTML 25Page - STMicroelectronics L5963 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Functional Description
L5963
22/45
DocID028553 Rev 1
Thermal protection
The HSD has an independent thermal shutdown protection.
If the local die temperature exceeds the thermal shutdown detection threshold, the HSD is
disabled. It is enabled once the local die temperature falls below the detection threshold with
the specified hysteresis. The invoking of thermal shut down on HSD does not directly affect
any other outputs or circuitry in the IC.
Short to ground
The high side driver output is protected against shorts to ground. The faulted output returns
to its pre-fault operating condition once the fault is removed.
Short to supply
The high-side driver is protected against shorts to battery. In such an event, the IC is not
damaged. External components connected directly to the IC are not damaged by such
exposure.
Loss of ground protection
The high side driver is protected against excessive leakage current to an external ground
during a loss of supply ground (i.e. ground is open). During this event, the HSD is disabled
and the IC is not damaged.
Loss of battery protection (Unpowered shorts to battery, SPU)
The high-side driver is protected against unpowered shorts to battery. In such an event, in
typical applicative conditions, the IC will not suffer any damage.
Below-ground protection
The HSD output can be brought below ground by the inductive load. In this case, Power
PMOS is turned on to charge the output, protecting itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com