Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L5963
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 29Page - STMicroelectronics L5963 Datasheet HTML 30Page - STMicroelectronics L5963 Datasheet HTML 31Page - STMicroelectronics L5963 Datasheet HTML 32Page - STMicroelectronics L5963 Datasheet HTML 33Page - STMicroelectronics L5963 Datasheet HTML 34Page - STMicroelectronics L5963 Datasheet HTML 35Page - STMicroelectronics L5963 Datasheet HTML 36Page - STMicroelectronics L5963 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
DocID028553 Rev 1
33/45
L5963
Application information
44
STEP 4 -Calculate loop compensation values.
Using Equation 17 to determine the "double pole":
Equation 17
Using Equation 18 to determine the zero due to the ESR of the output capacitor Cout with
ESR = 10 m
:
Equation 18
DBW = fc = 0.14 x fsw = 35kHz
Choose R1 = 5 k
, using Equation 19:
Equation 19
R4 =1.24 kΩ
PWM modulator gain.
Equation 20
Where VIN is the typical input operating voltage, VOSC is the saw-tooth peak-to-peak value.
Using Equation 21:
Equation 21
R2 = 2.4 kΩ
Using Equation 22:
Equation 22
Choose C2 = 16 nF
Using Equation 23:
Equation23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com