Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L5963
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 17Page - STMicroelectronics L5963 Datasheet HTML 18Page - STMicroelectronics L5963 Datasheet HTML 19Page - STMicroelectronics L5963 Datasheet HTML 20Page - STMicroelectronics L5963 Datasheet HTML 21Page - STMicroelectronics L5963 Datasheet HTML 22Page - STMicroelectronics L5963 Datasheet HTML 23Page - STMicroelectronics L5963 Datasheet HTML 24Page - STMicroelectronics L5963 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
DocID028553 Rev 1
21/45
L5963
Functional Description
44
Figure 11. Enable timing for linear regulator (pin ENLDO isn't connected to VINLDO)
The linear regulator operates with output voltages down to 1.2 V, and offers a maximum
dropout voltage of 500 mV at rated load current.
This regulator has an independent thermal protection and a current-limiting circuit.
It should be always supplied (by VINLDO) with a voltage not lower than 3.5 V because, even
if not used, it gives the common supply to all internal blocks which have to stay alive when
the battery drops too low (backup functionality).
6.2.11
High-side driver (HSD)
The HSD pin is the output of the high side driver. It has a dedicated enable pin ENHSD.
Following protections are implemented:
Over-current protection
Short to supply
Short to ground
Short through the load to -1 V
Unpowered short to supply
Loss of ground
Over voltage protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com