Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L5963
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 26Page - STMicroelectronics L5963 Datasheet HTML 27Page - STMicroelectronics L5963 Datasheet HTML 28Page - STMicroelectronics L5963 Datasheet HTML 29Page - STMicroelectronics L5963 Datasheet HTML 30Page - STMicroelectronics L5963 Datasheet HTML 31Page - STMicroelectronics L5963 Datasheet HTML 32Page - STMicroelectronics L5963 Datasheet HTML 33Page - STMicroelectronics L5963 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Application information
L5963
30/45
DocID028553 Rev 1
Figure 13. Closed loop system with TYPE III network
The above figure shows the closed loop system with a TYPE III compensation network and
presents the closed loop transfer function. See the guidelines for calculation of TYPE III
network below:
1.
Choose a value for R1, usually between 2 k and 5 kΩ.
2.
Choose a gain (R2/R1) that shifts the Open Loop Gain up to give the desired
bandwidth. This allows the 0 dB crossover to occur in the frequency range where the
Type III network has its second plateau in the gain. The following equation calculates
an R2 that accomplishes this, given the system parameters and a chosen R1.
Equation 9
3.
C2 is calculated by placing the zero at 50% of the output filter double pole frequency:
Equation 10
4.
C1 can be calculated by placing the first pole at the ESR zero frequency:
Equation 11
5.
Set the second pole at half the switching frequency and also set the second zero at the
output filter double pole. This combination brings the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com