Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963D-EHT Datasheet(PDF) 14 Page - STMicroelectronics

Part # L5963D-EHT
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963D-EHT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L5963D-EHT Datasheet HTML 10Page - STMicroelectronics L5963D-EHT Datasheet HTML 11Page - STMicroelectronics L5963D-EHT Datasheet HTML 12Page - STMicroelectronics L5963D-EHT Datasheet HTML 13Page - STMicroelectronics L5963D-EHT Datasheet HTML 14Page - STMicroelectronics L5963D-EHT Datasheet HTML 15Page - STMicroelectronics L5963D-EHT Datasheet HTML 16Page - STMicroelectronics L5963D-EHT Datasheet HTML 17Page - STMicroelectronics L5963D-EHT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Electrical specifications
L5963
14/45
DocID028553 Rev 1
ΔVFBLDO /
VFBLDO
FBLDO Undershoot/overshoot
(3)
5 mA
 250 mA Iload transition
-5
-
5
%
8
 18 V VINLDO transition
-5
-
5
VdoLDO
Drop-out voltage
VOUTLDO = 3.3 V
Iload = 250 mA
VOUTLDO decreasing of 100 mV
-
270
320
mV
IshortLDO
Short circuit current limit
VOUTLDO shorted to ground
-
350
420
mA
IshortST-BY
VOUTLDO (st-by) shorted to
ground
-65
80
mA
PSRRLDO
Power supply rejection ratio
Iload = 50 mA, 10 Hz < f < 10 kHz
1 Vacpp on VINLDO
-70-
dB
nLDO
Output noise
20 Hz < f < 20 kHz
Iload = 5 mA
-
100
-
μV
TSDLDO
Thermal shut-down
temperature
Temperature rising
150
160
-
°C
HysTSDLDO
Hysteresis on thermal
shutdown temperature
-5
-
15
°C
Co
Output capacitance
-
3
-
-
μF
ESR
Output capacitor ESR
-
-
-
0.2
Voltage detector on LDO
THRLDOOK /
VFBLDO
LDOOK threshold as
percentage of FBLDO voltage
-
919497
%
HysLDOOK
Hysteresis on LDOOK
-
-
90
-
mV
VmaxLDOOK LDOOK saturation voltage
I = 1 mA in LDOOK pin
-
-
0.2
V
TglitchLDOOK Glitch filter time for LDO-OK
-
5
12
20
μs
ILDOOKDLY
LDOOKDLY output current
-
7
10
13
μA
THRLDOOKDLY LDOOKDLY threshold
-
2
2.2
2.4
V
Switching regulators (1), (2)
VFBSWx
Feedback voltage
Iload = 100 mA
980
1000
1020
mV
LdRSWx
FBSWx load regulation
50 mA < Iload < 1 A
-
1
-
mV
LnRSWx
FBSWx line regulation
3.5 V < VINSWx < 26 V
-
1
-
mV
UVSW1
Undervoltage shut-down
threshold on SW1
VINSWx decreasing
-
2.8
3
V
HysSW1
Hysteresis on UVSW1
-
-
0.15
-
V
UVSW2
Undervoltage shut-down
threshold on SW2
VINSWx decreasing
-
2.8
3
V
HysSW2
Hysteresis on UVSW2
-
-
0.15
-
V
ΔVFBSWx /
VFBSWx
FBSWx pin
undershoot/overshoot(3)
500 mA
 1.5 A Iload transition
-5
-
5
%
8
 18 V VINSWx transition
-5
-
5
%
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com