Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963D-EHT Datasheet(PDF) 16 Page - STMicroelectronics

Part # L5963D-EHT
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963D-EHT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L5963D-EHT Datasheet HTML 12Page - STMicroelectronics L5963D-EHT Datasheet HTML 13Page - STMicroelectronics L5963D-EHT Datasheet HTML 14Page - STMicroelectronics L5963D-EHT Datasheet HTML 15Page - STMicroelectronics L5963D-EHT Datasheet HTML 16Page - STMicroelectronics L5963D-EHT Datasheet HTML 17Page - STMicroelectronics L5963D-EHT Datasheet HTML 18Page - STMicroelectronics L5963D-EHT Datasheet HTML 19Page - STMicroelectronics L5963D-EHT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Electrical specifications
L5963
16/45
DocID028553 Rev 1
Figure 5. PSSR LDO 50 mA load vs. frequency
Figure 6. Efficiency vs. output current
(VIN = 14 V, fsw = 2 MHz)
Figure 7. Efficiency vs. output current
(VIN = 14 V, fsw = 250 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com