Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963D-EHT Datasheet(PDF) 35 Page - STMicroelectronics

Part # L5963D-EHT
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963D-EHT Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L5963D-EHT Datasheet HTML 31Page - STMicroelectronics L5963D-EHT Datasheet HTML 32Page - STMicroelectronics L5963D-EHT Datasheet HTML 33Page - STMicroelectronics L5963D-EHT Datasheet HTML 34Page - STMicroelectronics L5963D-EHT Datasheet HTML 35Page - STMicroelectronics L5963D-EHT Datasheet HTML 36Page - STMicroelectronics L5963D-EHT Datasheet HTML 37Page - STMicroelectronics L5963D-EHT Datasheet HTML 38Page - STMicroelectronics L5963D-EHT Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
DocID028553 Rev 1
35/45
L5963
Thermal design
44
8
Thermal design
The system design and maximum power that can be managed should take into account the
IC thermal resistance junction to ambient which depends on the PCB design.
The temperature inside the IC (junction temperature) should not exceed 150 °C or one or
more of the thermal shut-down protections will intervene.
The total power dissipation is approximately given by the sum of the power dissipation of the
two dc-dc regulators and the linear regulators:
Pd = Pdpwm1 + Pdpwm2 + Pdldo
Where:
PdissDC/DC = IloadDC/DC x VoutDC/DC x (1-)/;
 is the efficiency, as shown in Figure 6 and 7.
PdissLDO = IloadLDO x (VINLDO-VOUTLDO)
The junction temperature is estimated in this way:
Tj = Ta + Pd x Rthj-a
Where:
Ta is the maximum ambient temperature;
Rthj-amb is the junction to ambient thermal resistance, as defined in Table 4: Thermal data
(slug-down configuration).
L5963 comes in two different package options, slug-up and slug-down, to meet power
management requirements and give flexibility in different board configurations (see
Section 9: Package information). The slug has to be connected to the ground plane,
whenever possible.
According to below formula and considering TSD_TH thermal shutdown minimum threshold
at 150 °C, maximum suggested power dissipation, for a slug-down configuration, can be
easily retrieved:
PDISS_suggested = (TSHD - Tamb) / Rthj-a
Table 8. Maximum suggested power
Symbol
Tamb 105 °C
Tamb 80 °C
Rth j-a-2s
0.85 W
1.32 W
Rth j-a-2s2p
1.66 W
2.6 W
Rth j-a-2s2pvias
2.05 W
3.2 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com