Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963D-EHT Datasheet(PDF) 42 Page - STMicroelectronics

Part # L5963D-EHT
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963D-EHT Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L5963D-EHT Datasheet HTML 37Page - STMicroelectronics L5963D-EHT Datasheet HTML 38Page - STMicroelectronics L5963D-EHT Datasheet HTML 39Page - STMicroelectronics L5963D-EHT Datasheet HTML 40Page - STMicroelectronics L5963D-EHT Datasheet HTML 41Page - STMicroelectronics L5963D-EHT Datasheet HTML 42Page - STMicroelectronics L5963D-EHT Datasheet HTML 43Page - STMicroelectronics L5963D-EHT Datasheet HTML 44Page - STMicroelectronics L5963D-EHT Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
Package information
L5963
42/45
DocID028553 Rev 1
F
-
2.3
-
-
0.0906
-
G
-
-
0.10
-
-
0.0039
H
10.10
-
10.50
0.3976
-
0.4134
h
-
-
0.40
-
-
0.0157
k
0°
-
8°
0°
-
8°
L
0.55
-
0.85
0.0217
-
0.0335
M
-
4.3
-
-
0.1693
-
N
-
-
10°
-
-
10°
O
-
1.2
-
-
0.0472
-
Q
-
0.8
-
-
0.0315
-
S
-
2.9
-
-
0.1142
-
T
-
3.65
-
-
0.1437
-
U
-
1.0
-
-
0.0394
-
X
See VARIATIONS
Y
See VARIATIONS
VARIATIONS
Option A
X
4.1
-
4.7
0.1614
-
0.1850
Y
6.5
-
7.1
0.2559
-
0.2795
Option B
X
4.1
-
4.7
0.1614
-
0.1850
Y
4.9
-
5.5
0.1929
-
0.2165
Option C
X
4.3
-
5.2
0.1693
-
0.2047
Y
6.9
-
7.5
0.2717
-
0.2953
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. "D” and “E" do not include mold flash or protrusions Mold flash or protrusions shall not exceed 0.15 mm per
side (0.006”)
Table 10. PowerSSO-36 slug-up package mechanical data (continued)
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com